Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 56Page - Cypress Semiconductor PSOC Datasheet HTML 57Page - Cypress Semiconductor PSOC Datasheet HTML 58Page - Cypress Semiconductor PSOC Datasheet HTML 59Page - Cypress Semiconductor PSOC Datasheet HTML 60Page - Cypress Semiconductor PSOC Datasheet HTML 61Page - Cypress Semiconductor PSOC Datasheet HTML 62Page - Cypress Semiconductor PSOC Datasheet HTML 63Page - Cypress Semiconductor PSOC Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
60
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
9.4
Global Inputs and Outputs
Global Inputs and Outputs provide additional capability
to route clock and data signals to the Digital PSoC
blocks. Digital PSoC blocks are connected to the global
input and output lines by configuring the PSoC block
Input
and
Output
registers
(DBA00IN-DCA07IN,
DBA00OU-DCA07OU). These global input and output
lines form an 8-bit global input bus and an 8-bit global
output bus. Four Digital PSoC blocks have access to the
upper half of these buses, while the other four access
the lower half, per the configuration register. These glo-
bal input/output buses may be connected to the I/O pins
on a per-pin basis using the pin configuration registers.
This allows Digital PSoC blocks to route their inputs and
outputs to pins using the global I/O buses.
9.4.1
Input Assignments
The PSoC block Input Register defines the selection of
Global Inputs to digital PSoC blocks. Only 4 of the Global
Inputs bus lines are available as selections to a given
digital PSoC block as shown in the table below. Once the
Global Input has been selected using the PSoC block
Input Register selection bits, a GPIO pin must be config-
ured to drive the selected Global Input. This configura-
tion may be set in the GPIO Global Select Register. The
GPIO direction must also be set to input mode by config-
uring the Drive Mode registers to select High Z.
9.4.2
Output Assignments
The PSoC block Output Register defines the selection of
the Global Output bus line to be driven by the digital
PSoC blocks. Only 4 of the Global Output bus lines are
available as selections to a given digital PSoC block as
shown in the table below. The Global Output bus has two
functions. Since Global Outputs are also selectable as
inputs to digital PSoC blocks, signals can be routed
between blocks using this bus. In addition, Global Out-
puts may drive out to GPIO pins. In this case, once the
Global Output has been selected using the PSoC block
Output Register selection bits, a GPIO pin must be con-
figured to select the Global Output to drive to the pin.
This configuration may be set in the GPIO Global Select
Register. The GPIO direction must also be set to output
mode (which is the default) by configuring the Drive
Mode registers one of the available driving strengths.
9.5
Available Programmed Digital Functionality
9.5.1
Timer with Optional Capture
9.5.1.1
Summary
The timer function continuously measures the amount of
time in “ticks” between two events, and provides a rate
generator. A down counter lies at the heart of the timer
functions. Rate generators divide their clock source by
an integer value. Hardware or software generated events
Table 59:
Global Input Assignments
Global
Input [7]
Global
Input [6]
Global
Input [5]
Global
Input [4]
Global
Input [3]
Global
Input [2]
Global
Input [1]
Global
Input [0]
Port x[7]
Port x[6]
Port x[5]
Port x[4]
Port x[3]
Port x[2]
Port x[1]
Port x[0]
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03
Table 60:
Global Output Assignments
Global
Output [7]
Global
Output [6]
Global
Output [5]
Global
Output [4]
Global
Output [3]
Global
Output [2]
Global
Output [1]
Global
Output [0]
Port x[7]
Port x[6]
Port x[5]
Port x[4]
Port x[3]
Port x[2]
Port x[1]
Port x[0]
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 04
PSoC Block 05
PSoC Block 06
PSoC Block 07
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03
PSoC Block 00
PSoC Block 01
PSoC Block 02
PSoC Block 03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com