Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 68Page - Cypress Semiconductor PSOC Datasheet HTML 69Page - Cypress Semiconductor PSOC Datasheet HTML 70Page - Cypress Semiconductor PSOC Datasheet HTML 71Page - Cypress Semiconductor PSOC Datasheet HTML 72Page - Cypress Semiconductor PSOC Datasheet HTML 73Page - Cypress Semiconductor PSOC Datasheet HTML 74Page - Cypress Semiconductor PSOC Datasheet HTML 75Page - Cypress Semiconductor PSOC Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
72
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
10.2 Analog System Clocking Signals
10.3 Array of Analog PSoC Blocks
Table 61:
Analog System Clocking Signals
Signal
Definition
ACLK0
A system-clocking signal that is driven by the clock output of a digital PSoC block and can be selected
by the user to drive the clocking signal to an analog column. Any of the 8 digital PSoC blocks can be
muxed into this line using the ACLK0[2:0] bits in the Analog Clock Select Register (CLK_CR1).
ACLK1
A system-clocking signal that is driven by the clock output of a digital PSoC block and can be selected
by the user to drive the clocking signal to an analog column. Any of the 8 digital PSoC blocks can be
muxed into this line using the ACLK1[2:0] bits in the Analog Clock Select Register (CLK_CR1).
Acolumn0
A system-clocking signal that can drive all analog PSoC blocks in Analog Column 0. This signal is
derived from the muxed input of the 24V1, 24V2, ACLK0, and ACLK1 system clock signals. The output
of this mux is then passed through a 1:4 divider to reduce the frequency by a factor of 4. The
Acolumn0[1:0] bits in the CLK_CR0 Register determine the selected Column Clock.
Acolumn1
A system-clocking signal that can drive all analog PSoC blocks in Analog Column 1. This signal is
derived from the muxed input of the 24V1, 24V2, ACLK0, and ACLK1 system clock signals. The output
of this mux is then passed through a 1:4 divider to reduce the frequency by a factor of 4.The
Acolumn1[1:0] bits in the CLK_CR0 Register determine the selected Column Clock.
Acolumn2
A system-clocking signal that can drive all analog PSoC blocks in Analog Column 2. This signal is
derived from the muxed input of the 24V1, 24V2, ACLK0, and ACLK1 system clock signals. The output
of this mux is then passed through a 1:4 divider to reduce the frequency by a factor of 4. The
Acolumn2[1:0] bits in the CLK_CR0 Register determine the selected Column Clock.
Acolumn3
A system-clocking signal that can drive all analog PSoC blocks in Analog Column 3. This signal is
derived from the muxed input of the 24V1, 24V2, ACLK0, and ACLK1 system clock signals. The output
of this mux is then passed through a 1:4 divider to reduce the frequency by a factor of 4. The
Acolumn3[1:0] bits in the CLK_CR0 Register determine the selected Column Clock.
Figure 16: Array of Analog PSoC Blocks
ACA00
ACA03
ACA02
ACA01
ASA10
ASA23
ASA12
ASA21
ASB20
ASB13
ASB22
ASB11
Analog
Column 0
Analog
Column 1
Analog
Column 3
Analog
Column 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com