Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 30Page - Cypress Semiconductor PSOC Datasheet HTML 31Page - Cypress Semiconductor PSOC Datasheet HTML 32Page - Cypress Semiconductor PSOC Datasheet HTML 33Page - Cypress Semiconductor PSOC Datasheet HTML 34Page - Cypress Semiconductor PSOC Datasheet HTML 35Page - Cypress Semiconductor PSOC Datasheet HTML 36Page - Cypress Semiconductor PSOC Datasheet HTML 37Page - Cypress Semiconductor PSOC Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
34
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
6.3.4
Port Interrupt Control 1 Registers
Port 0 Interrupt Control 1 Register (PRT0IC1, Address = Bank 1, 03h)
Port 1 Interrupt Control 1 Register (PRT1IC1, Address = Bank 1, 07h)
Port 2 Interrupt Control 1 Register (PRT2IC1, Address = Bank 1, 0Bh)
Port 3 Interrupt Control 1 Register (PRT3IC1, Address = Bank 1, 0Fh)
Port 4 Interrupt Control 1 Register (PRT4IC1, Address = Bank 1, 13h)
Port 5 Interrupt Control 1 Register (PRT5IC1, Address = Bank 1, 17h) Note: Port 5 is 4-bits wide
Table 34:
Port Interrupt Control 1 Registers
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
W
W
W
W
W
W
W
W
Bit Name
IC1 [7]
IC1 [6]
IC1 [5]
IC1 [4]
IC1 [3]
IC1 [2]
IC1 [1]
IC1 [0]
Bit [7:0]
: IC1 [7:0] See truth table for Port Interrupt Control 0 Registers, above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com