Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 79Page - Cypress Semiconductor PSOC Datasheet HTML 80Page - Cypress Semiconductor PSOC Datasheet HTML 81Page - Cypress Semiconductor PSOC Datasheet HTML 82Page - Cypress Semiconductor PSOC Datasheet HTML 83Page - Cypress Semiconductor PSOC Datasheet HTML 84Page - Cypress Semiconductor PSOC Datasheet HTML 85Page - Cypress Semiconductor PSOC Datasheet HTML 86Page - Cypress Semiconductor PSOC Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
83
10.9 Analog Switch Cap Type A PSoC Blocks
10.9.1
Introduction
The Analog Switch Cap Type A PSoC blocks are built
around an operational amplifier. There are several ana-
log muxes that are controlled by register-bit settings in
the control registers that determine the signal topology
inside the block. There are also four arrays of unit value
capacitors that are located in the feedback path for the
op-amp, and are switched by two phase clocks, PHI1
and PHI2. These four capacitor arrays are labeled A Cap
Array, B Cap Array, C Cap Array, and F Cap Array. There
is also an analog comparator connected to the output
OUT, which converts analog comparisons into digital sig-
nals.
There are three discrete outputs from this block. These
outputs are:
1.
The analog output bus (ABUS), which is an analog
bus resource that is shared by all of the analog
blocks in the analog column for that block.
2.
The comparator bus (CBUS), which is a digital bus
that is a resource that is shared by all of the analog
blocks in a column for that block.
3.
The output bus (OUT), which is an analog bus
resource that is shared by all of the analog blocks in
a column and connects to one of the analog output
buffers, to send a signal externally to the device.
SC Integrator Block A supports Delta-Sigma, Successive
Approximation and Incremental A/D Conversion, Capaci-
tor DACs, and SC filters. It has three input arrays of bina-
rily-weighted
switched
capacitors,
allowing
user
programmability of the capacitor weights. This provides
summing capability of two (CDAC) scaled inputs, and a
non-switched capacitor input. Since the input of SC
Block A has this additional switched capacitor, it is con-
figured for the input stage of such a switched capacitor
biquad filter. When followed by an SC Block B Integrator,
this combination of blocks can be used to provide a full
Switched Capacitor Biquad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com