Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 36Page - Cypress Semiconductor PSOC Datasheet HTML 37Page - Cypress Semiconductor PSOC Datasheet HTML 38Page - Cypress Semiconductor PSOC Datasheet HTML 39Page - Cypress Semiconductor PSOC Datasheet HTML 40Page - Cypress Semiconductor PSOC Datasheet HTML 41Page - Cypress Semiconductor PSOC Datasheet HTML 42Page - Cypress Semiconductor PSOC Datasheet HTML 43Page - Cypress Semiconductor PSOC Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
40
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Oscillator Control 0 Register (OSC_CR0, Address = Bank 1, E0h)
Oscillator Control 1 Register (OSC_CR1, Address = Bank 1, E1h)
Table 40:
Oscillator Control 0 Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
32k Select
PLL Mode
Reserved
Sleep [1]
Sleep [0]
CPU [2]
CPU [1]
CPU [0]
Bit 7
: 32k Select
0 = Internal low precision 32 kHz oscillator
1 = External Crystal Oscillator
Bit 6
: PLL Mode
0 = Disabled
1 = Enabled, Internal Main Oscillator is locked to External Crystal Oscillator
Bit 5
: Reserved
Bit [4:3]
: Sleep [1:0]
0 0 = 512 Hz or 1.95 ms period
0 1 = 64 Hz or 15.6 ms period
1 0 = 8 Hz or 125 ms period
1 1 = 1 Hz or 1 s period
Bit [2:0]
: CPU [2:0]
0 0 0 = 3 MHz
0 0 1 = 6 MHz
0 1 0 = 12 MHz
0 1 1 = 24 MHz
1 0 0 = 1.5 MHz
1 0 1 = 750 kHz
1 1 0 = 187.5 kHz
1 1 1 = 93.7 kHz
Table 41:
Oscillator Control 1 Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
24V1 [3]
24V1 [2]
24V1 [1]
24V1 [0]
24V2 [3]
24V2 [2]
24V2 [1]
24V2 [0]
Bit [7:4]
: 24V1 [3:0] 4-bit data value determines the divider value for the 24V1 system-clocking signal. Note that the
4-bit data value equals n-1, where n is the desired divider value, as illustrated in PSoC MCU Clock Tree of Signals.
See Table 42 on page 41.
Bit [3:0]
: 24V2 [3:0] 4-bit data value determines the divider value for the 24V2 system-clocking signal. Note that the
4-bit data value equals n-1, where n is the desired divider value, as illustrated in the PSoC MCU Clock Tree of Sig-
nals. See Table 42 on page 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com