Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 16Page - Cypress Semiconductor PSOC Datasheet HTML 17Page - Cypress Semiconductor PSOC Datasheet HTML 18Page - Cypress Semiconductor PSOC Datasheet HTML 19Page - Cypress Semiconductor PSOC Datasheet HTML 20Page - Cypress Semiconductor PSOC Datasheet HTML 21Page - Cypress Semiconductor PSOC Datasheet HTML 22Page - Cypress Semiconductor PSOC Datasheet HTML 23Page - Cypress Semiconductor PSOC Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
20
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
2.2
CPU Registers
2.2.1
Flags Register
The Flags Register can only be set or reset with logical instruction.
2.2.2
Accumulator Register
Table 8:
Flags Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
1
0
Read/
Write
--
--
--
RW
R
RW
RW
RW
Bit Name
Reserved
Reserved
Reserved
XIO
Super
Carry
Zero
Global IE
Bit 7
: Reserved
Bit 6
: Reserved
Bit 5
: Reserved
Bit 4
: XIO Set by the user to select between the register banks
0 = Bank 0
1 = Bank 1
Bit 3
: Super Indicates whether the CPU is executing user code or Supervisor Code. (This code cannot be accessed
directly by the user and is not displayed in the ICE debugger.)
0 = User Code
1 = Supervisor Code
Bit 2
: Carry Set by CPU to indicate whether there has been a carry in the previous logical/arithmetic operation
0 = No Carry
1 = Carry
Bit 1
: Zero Set by CPU to indicate whether there has been a zero result in the previous logical/arithmetic operation
0 = Not Equal to Zero
1 = Equal to Zero
Bit 0
: Global IE Determines whether all interrupts are enabled or disabled
0 = Disabled
1 = Enabled
Table 9:
Accumulator Register (CPU_A)
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
System1
System1
System1
System1
System1
System1
System1
System1
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0] 8-bit data value holds the result of any logical/arithmetic instruction that uses a source address-
ing mode
1.
System - not directly accessible by the user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com