Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 52Page - Cypress Semiconductor PSOC Datasheet HTML 53Page - Cypress Semiconductor PSOC Datasheet HTML 54Page - Cypress Semiconductor PSOC Datasheet HTML 55Page - Cypress Semiconductor PSOC Datasheet HTML 56Page - Cypress Semiconductor PSOC Datasheet HTML 57Page - Cypress Semiconductor PSOC Datasheet HTML 58Page - Cypress Semiconductor PSOC Datasheet HTML 59Page - Cypress Semiconductor PSOC Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
56
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
9.3.3
Digital Basic Type A/Communications Type A Block xx Control Register 0 When Used
as Timer, Counter, CRC, and Deadband
Note that the data in this register, as well as the following
three registers, are a mapping of the functions of the
variables selected in the associated Digital Basic Type A/
Communications Type A Block xx Control Register 0.
Digital Basic Type A Block 00 Control Register 0
(DBA00CR0, Address = Bank 0, 23h)
Digital Basic Type A Block 01 Control Register 0
(DBA01CR0, Address = Bank 0, 27h)
Digital Basic Type A Block 02 Control Register 0
(DBA02CR0, Address = Bank 0, 2Bh)
Digital Basic Type A Block 03 Control Register 0
(DBA03CR0, Address = Bank 0, 2Fh)
Digital Communications Type A 04 Control Register 0
(DCA04CR0, Address = Bank 0, 33h)
Digital Communications Type A 05 Control Register 0
(DCA05CR0, Address = Bank 0, 37h)
Digital Communications Type A Block 06 Control Register 0
(DCA06CR0, Address = Bank 0, 3Bh)
Digital Communications Type A Block 07 Control Register 0
(DCA07CR0, Address = Bank 0, 3Fh)
Table 55:
Digital Basic Type A/Communications Type A Block xx Control Register 0...
Bit #
7
6
5
4
3
2
1
0
POR
--
--
--
--
--
--
--
0
Read/Write
--
--
--
--
--
--
--
RW
Bit Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Enable
Bit 7
: Reserved
Bit 6
: Reserved
Bit 5
: Reserved
Bit 4
: Reserved
Bit 3
: Reserved
Bit 2
: Reserved
Bit 1
: Reserved
Bit 0
: Enable
0 = Function Disabled
1 = Function Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com