Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 7Page - Cypress Semiconductor PSOC Datasheet HTML 8Page - Cypress Semiconductor PSOC Datasheet HTML 9Page - Cypress Semiconductor PSOC Datasheet HTML 10Page - Cypress Semiconductor PSOC Datasheet HTML 11Page - Cypress Semiconductor PSOC Datasheet HTML 12Page - Cypress Semiconductor PSOC Datasheet HTML 13Page - Cypress Semiconductor PSOC Datasheet HTML 14Page - Cypress Semiconductor PSOC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
11
Figure 1: Block Diagram ............................................................................................................................13
Figure 2: CY8C25122 ................................................................................................................................15
Figure 3: CY8C26233 ................................................................................................................................15
Figure 4: 26443 PDIP/SOIC/SSOP ...........................................................................................................16
Figure 5: 26643 TQFP ...............................................................................................................................17
Figure 6: 26643 PDIP/SSOP .....................................................................................................................18
Figure 7: General Purpose I/O Pins ..........................................................................................................30
Figure 8: External Crystal Oscillator Connections .....................................................................................37
Figure 9: PSoC MCU Clock Tree of Signals ..............................................................................................39
Figure 10: Interrupts Overview ..................................................................................................................43
Figure 11: GPIO Interrupt Enable Diagram ...............................................................................................47
Figure 12: Digital Basic and Digital Communications PSoC Blocks ..........................................................49
Figure 13: Polynomial LFSR ......................................................................................................................65
Figure 14: Polynomial PRS .......................................................................................................................65
Figure 15: SPI Waveforms ........................................................................................................................68
Figure 16: Array of Analog PSoC Blocks ...................................................................................................72
Figure 17: NMux Connections ...................................................................................................................76
Figure 18: PMux Connections ...................................................................................................................77
Figure 19: RBotMux Connections ..............................................................................................................77
Figure 20: Analog Continuous Time PSoC Blocks ....................................................................................79
Figure 21: Analog Switch Cap Type A PSoC Blocks .................................................................................84
Figure 22: AMux Connections ...................................................................................................................85
Figure 23: CMux Connections ...................................................................................................................85
Figure 24: BMuxSCA/SCB Connections ...................................................................................................86
Figure 25: Analog Switch Cap Type B PSoC Blocks .................................................................................93
Figure 26: Analog Input Muxing ...............................................................................................................101
Figure 27: Analog Output Buffers ............................................................................................................103
Figure 28: Multiply/Accumulate Block Diagram .......................................................................................108
Figure 29: Decimator Coefficients ...........................................................................................................110
Figure 30: Execution Reset .....................................................................................................................113
Figure 31: Three Sleep States .................................................................................................................115
Figure 32: Switch Mode Pump ................................................................................................................117
Figure 33: Programming Wave Forms ....................................................................................................122
Figure 34: PSoC Designer Functional Flow ............................................................................................123
Figure 35: CY8C25xxx/CY8C26xxx Voltage Frequency Graph ..............................................................125
Figure 36: 44-Lead Thin Plastic Quad Flat Pack A44 .............................................................................141
Figure 37: 20-Pin Shrunk Small Outline Package O20 ...........................................................................142
Figure 38: 28-Lead (210-Mil) Shrunk Small Outline Package O28 .........................................................143
Figure 39: 48-Lead Shrunk Small Outline Package O48 .........................................................................143
Figure 40: 20-Lead (300-Mil) Molded DIP P5 ..........................................................................................144
Figure 41: 28-Lead (300-Mil) Molded DIP P21 ........................................................................................144
Figure 42: 48-Lead (600-Mil) Molded DIP P25 ........................................................................................144
Figure 43: 20-Lead (300-Mil) Molded SOIC S5 .......................................................................................145
Figure 44: 28-Lead (300-Mil) Molded SOIC S21 .....................................................................................145
Figure 45: 8-Lead (300-Mil) Molded DIP .................................................................................................146
List of Figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com