Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 33Page - Cypress Semiconductor PSOC Datasheet HTML 34Page - Cypress Semiconductor PSOC Datasheet HTML 35Page - Cypress Semiconductor PSOC Datasheet HTML 36Page - Cypress Semiconductor PSOC Datasheet HTML 37Page - Cypress Semiconductor PSOC Datasheet HTML 38Page - Cypress Semiconductor PSOC Datasheet HTML 39Page - Cypress Semiconductor PSOC Datasheet HTML 40Page - Cypress Semiconductor PSOC Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 148 page
background image
Clocking
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
37
External Crystal Oscillator Trim Register (ECO_TR, Address = Bank 1, EBh)
7.1.4
External Crystal Oscillator Component Connections and Selections
Crystal – 32.768 kHz watch crystal such as EPSON
C-002RX (12.5 pF load capacitance)
Capacitors – C1, C2
Use NPO-type ceramic caps
C1 = C2 = 25 pF - (Package Cap) - (Board Parasitic
Cap)
Note
: Use this equation if you do not employ PLL mode.
If you do employ PLL with the External Crystal Oscillator,
see Application Note AN2027 under Support at http://
www.cypressmicro.com for equation and details. An
error of 1 pF in C1 and C2 gives about 3 ppm error in fre-
quency.
Table 37:
External Crystal Oscillator Trim Register
Bit #
7
6
5
4
3
2
1
0
POR
FS1
1.
FS = Factory set trim value
FS1
0
0
FS1
FS1
FS1
FS1
Read/Write
W
W
--
--
W
W
W
W
Bit Name
PSSDC [1] PSSDC [0]
Reserved
Reserved
Amp [1]
Amp [0]
Bias [1]
Bias [0]
Bit [7:6]
: PSSDC [1:0] Power System Sleep Duty Cycle. (Not recommended for customer alteration)
0 0 = 1/128
0 1 = 1/512
1 0 = 1/32
1 1 = 1/8
Bit 5
: Reserved
Bit 4
: Reserved
Bit [3:2]
: Amp [1:0] Sets the amplitude of the adjustment. (Not recommended for customer alteration)
Bit [1:0]
: Bias [1:0] Sets the bias of the adjustment. (Not recommended for customer alteration)
Figure 8: External Crystal Oscillator Connections
XtalIn
XtalOut
Crystal
Crystal
Crystal
Crystal
C1
C2
Vcc
Vcc
Table 38:
Typical Package Capacitances
Package
Package Capacitance
8 PDIP
0.9 pF
20 PDIP
2 pF
20 SOIC
1 pF
20 SSOP
0.5 pF
28 PDIP
2 pF
28 SOIC
1 pF
28 SSOP
0.5 pF
44 TQFP
0.5 pF
48 PDIP
5 pF
48 SSOP
0.6 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com