Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 78 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 74Page - Cypress Semiconductor PSOC Datasheet HTML 75Page - Cypress Semiconductor PSOC Datasheet HTML 76Page - Cypress Semiconductor PSOC Datasheet HTML 77Page - Cypress Semiconductor PSOC Datasheet HTML 78Page - Cypress Semiconductor PSOC Datasheet HTML 79Page - Cypress Semiconductor PSOC Datasheet HTML 80Page - Cypress Semiconductor PSOC Datasheet HTML 81Page - Cypress Semiconductor PSOC Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
78
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
10.8 Analog Continuous Time PSoC Blocks
10.8.1 Introduction
The Analog Continuous Time PSoC blocks are built
around an operational amplifier. There are several ana-
log muxes that are controlled by register-bit settings in
the control registers that determine the signal topology
inside the block. There is also a precision resistor matrix
that is located in the feedback path for the op-amp, and
is controlled by register-bit setting. There is also an ana-
log comparator connected to the output OUT, which con-
verts analog comparisons into digital signals.
There are five discrete outputs from this block. These
outputs are:
1.
The analog output bus (ABUS), which is an analog
bus resource that is shared by all of the analog
blocks in the analog column for that block.
2.
The comparator bus (CBUS), which is a digital bus
that is a resource that is shared by all of the analog
blocks in a column for that block.
3.
The output bus (OUT, GOUT and LOUT), which is
an analog bus resource that is shared by all of the
analog blocks in a column and connects to one of
the analog output buffers, to send a signal externally
to the device.
This block supports Programmable Gain or attenuation
Op-Amp Circuits, (Differential Gain) Instrumentation
Amplifiers (using two CT Blocks), Continuous time high
frequency anti-aliasing filters, and modest response-time
analog comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com