Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 91Page - Cypress Semiconductor PSOC Datasheet HTML 92Page - Cypress Semiconductor PSOC Datasheet HTML 93Page - Cypress Semiconductor PSOC Datasheet HTML 94Page - Cypress Semiconductor PSOC Datasheet HTML 95Page - Cypress Semiconductor PSOC Datasheet HTML 96Page - Cypress Semiconductor PSOC Datasheet HTML 97Page - Cypress Semiconductor PSOC Datasheet HTML 98Page - Cypress Semiconductor PSOC Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
95
10.10.2.2
Analog Switch Cap Type B Block xx Control 1 Register
AMux controls the input muxing for the A capacitor
branch.
The BCap bits set the value of the capacitor in the B
path.
Analog Switch Cap Type B Block 11 Control 1 Register (ASB11CR1, Address = Bank 0/1, 85h)
Analog Switch Cap Type B Block 13 Control 1 Register (ASB13CR1, Address = Bank 0/1, 8Dh)
Analog Switch Cap Type B Block 20 Control 1 Register (ASB20CR1, Address = Bank 0/1, 91h)
Analog Switch Cap Type B Block 22 Control 1 Register (ASB22CR1, Address = Bank 0/1, 99h)
Table 73:
Analog Switch Cap Type B Block xx Control 1 Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
AMux[2]
AMux[1]
AMux[0]
BCap[4]
BCap[3]
BCap[2]
BCap[1]
BCap[0]
Bit [7:5]
: AMux [2:0] Input muxing select for A capacitor branch. (Note that available mux inputs vary by individual
PSoC block.)
ASB11
ASB13
ASB20
ASB22
0 0 0 = ACA01
ACA03
ASA10
ASA12
0 0 1 = ASA12
P2.2
P2.1
ASA21
0 1 0 = ASA10
ASA12
ASA21
ASA23
0 1 1 = ASA21
ASA23
ABUS0
ABUS2
1 0 0 = REFHI
REFHI
REFHI
REFHI
1 0 1 = ACA00
ACA02
ASB11
ASB13
1 1 0 = Reserved Reserved Reserved Reserved
1 1 1 = Reserved Reserved Reserved Reserved
Bit [4:0]: BCap [4:0]
Binary encoding for 32 possible capacitor sizes for B Capacitor:
0 0 0 0 0 = 0 Capacitor units in array
0 0 0 0 1 = 1 Capacitor units in array
0 0 0 1 0 = 2 Capacitor units in array
0 0 0 1 1 = 3 Capacitor units in array
0 0 1 0 0 = 4 Capacitor units in array
0 0 1 0 1 = 5 Capacitor units in array
0 0 1 1 0 = 6 Capacitor units in array
0 0 1 1 1 = 7 Capacitor units in array
0 1 0 0 0 = 8 Capacitor units in array
0 1 0 0 1 = 9 Capacitor units in array
0 1 0 1 0 = 10 Capacitor units in array
0 1 0 1 1 = 11 Capacitor units in array
0 1 1 0 0 = 12 Capacitor units in array
0 1 1 0 1 = 13 Capacitor units in array
0 1 1 1 0 = 14 Capacitor units in array
0 1 1 1 1 = 15 Capacitor units in array
1 0 0 0 0 = 16 Capacitor units in array
1 0 0 0 1 = 17 Capacitor units in array
1 0 0 1 0 = 18 Capacitor units in array
1 0 0 1 1 = 19 Capacitor units in array
1 0 1 0 0 = 20 Capacitor units in array
1 0 1 0 1 = 21 Capacitor units in array
1 0 1 1 0 = 22 Capacitor units in array
1 0 1 1 1 = 23 Capacitor units in array
1 1 0 0 0 = 24 Capacitor units in array
1 1 0 0 1 = 25 Capacitor units in array
1 1 0 1 0 = 26 Capacitor units in array
1 1 0 1 1 = 27 Capacitor units in array
1 1 1 0 0 = 28 Capacitor units in array
1 1 1 0 1 = 29 Capacitor units in array
1 1 1 1 0 = 30 Capacitor units in array
1 1 1 1 1 = 31 Capacitor units in array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com