Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 63 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 59Page - STMicroelectronics STA400A Datasheet HTML 60Page - STMicroelectronics STA400A Datasheet HTML 61Page - STMicroelectronics STA400A Datasheet HTML 62Page - STMicroelectronics STA400A Datasheet HTML 63Page - STMicroelectronics STA400A Datasheet HTML 64Page - STMicroelectronics STA400A Datasheet HTML 65Page - STMicroelectronics STA400A Datasheet HTML 66Page - STMicroelectronics STA400A Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
63/117
STA400A
WinJpNoLimit_M
- Actual Requested Window Jump w/o Limit
Actual requesteted jump of window without limit function. (See table of register adr 0x097/98).
IQGDataOvf_M
- IQGEN LPF Overflow Counter
Event counter of overflow bit of halfband filter in IQ generator
NCODataOvf_M
- NCO Overflow Counter
Event counter of overflow bit of NCO
LPFDataOvf_M
- LPF Overflow Counter
Event counter of ‘ored’ overflow bits of halfband filters in the Low Pass Filterf
IrqMask_M
- MCM Demodulator Interrupt Mask
If the mask bits are set the corresponding interrupt is enabled, i.e. if the Irq_Status_M bit is set an external in-
terupt is generated.
b1 :
frequency unlock
b0 :
frame sync unlock
Type:
MultiBytes - R/W
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
WinJpNoLimit2_M
019C
10-8
00
WinJpNoLimit1_M
019B
7-0
00
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IQGDataOvf_M
01B0
7-0
00
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
NCODataOvf_M
01B2
7-0
00
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
LPFDataOvf_M
01B4
7-0
00
Type:
SingleByte - INT
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IrqMask_M
01C0
1-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com