Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 26Page - STMicroelectronics STA400A Datasheet HTML 27Page - STMicroelectronics STA400A Datasheet HTML 28Page - STMicroelectronics STA400A Datasheet HTML 29Page - STMicroelectronics STA400A Datasheet HTML 30Page - STMicroelectronics STA400A Datasheet HTML 31Page - STMicroelectronics STA400A Datasheet HTML 32Page - STMicroelectronics STA400A Datasheet HTML 33Page - STMicroelectronics STA400A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 117 page
background image
STA400A
30/117
Table 5. Terrestrial Demodulator (Section 1
)
Base Address: 01 - Address Range: 00 - C1
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
00
Enable_M
8
wr
FF
enable signals for mcm submodules
01
Status1_M
8
r
00
status information of mcm submodules
02
Status2_M
2
r
00
04
DataOvf_M
8
pr
00
overflow event counter of mcm submodules
06
IQGMode_M
3
wr
02
iq generation mode
07
Clk_devcomp_M
1
wr
01
selects mode of clk deviation compensation
08
AMSSThrL_M
7
wr
37
low threshold of AMSS detection
09
AMSSThrH_M
7
wr
41
high threshold of AMSS detection
0A
AMSSFailed_M
3
wr
07
if not more than mrm_sync_min_amss_failed
AMSS-not-detected events : pre-sync -> hunt
0B
SyncSearch_M
4
wr
0A
Number of mcm-frames during pre sync state
0C
SyncLoss1_M
8
wr
FF
number of allowed AMSS failed events (sync ->
hunt)
0D
SyncLoss2_M
3
wr
03
0E
FrameLen_M
8
wr
B4
frame window length of AMSS detection
0F
ChannelLen_M
8
wr
B4
channel window length of AMSS detection
10
CycleCnt1_M
8
r
--
actual difference of mcm-frame cycle count to
nominal value.
11
CycleCnt2_M
4
r
--
12
CycleCntRef1_M
8
wrt
00
external setting of actual difference of mcm-frame
cycle count to nominal value
13
CycleCntRef2_M
4
wrt
00
15
AttFactor1_M
8
wr
F0
attenuation factor for correlation results.
16
AttFactor2_M
5
wr
1F
17
HistLen_M
4
wr
0F
length of history register
19
CN1_M
8
r
--
estimated noise and signal&noise power.
1A
CN2_M
8
r
--
1B
CN3_M
8
r
--
1C
FfCtrl_M
6
wr
1E
control of ff internal algorithm
1D
FfBeta_M
8
wr
04
loop filter constant beta
1F
BlkDetect_M
1
wr
00
external setting of blockage condition to fc
20
InitDelay_M
2
wr
00
delay on use of ff output at startup
21
MaxFreq1_M
8
wr
46
maximum allowed difference of ff and cf to detect
out-of-range condition of ff.
22
MaxFreq2_M
5
wr
00
23
MinCf_M
8
wr
90
confidence value for cf estimation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com