Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 60 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 56Page - STMicroelectronics STA400A Datasheet HTML 57Page - STMicroelectronics STA400A Datasheet HTML 58Page - STMicroelectronics STA400A Datasheet HTML 59Page - STMicroelectronics STA400A Datasheet HTML 60Page - STMicroelectronics STA400A Datasheet HTML 61Page - STMicroelectronics STA400A Datasheet HTML 62Page - STMicroelectronics STA400A Datasheet HTML 63Page - STMicroelectronics STA400A Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 117 page
background image
STA400A
60/117
FfEst_M
- Actual Fine Frequency Value
The register provides the current value of the fine frequency contribution to the NCO increment. The value is in
2’s complement with a resolution of 5.703 Hz per LSB.
MctlEn_M
- MCM Demodulator Control
MCM Control is enabled if his register is set to ‘1’, disabled if set to ‘0’. The reset value enables this block.
MctlMask_M
- MCM Demodulator Control Mask
This register is a mask vector for internal state transitions and output control signals of MCM Control. The output
signals are masked out, i.e. set to logic 0, when the corresponding output mask bit (bits 0,1 or 2) is set to 0. By
default the outputs are not masked. If transition mask 2 (bit 5) is set to 0, signal full_avg_len of the MCM CF
Averager is taken as is, otherwise it is internally forced to 1. If transition mask 1 (bit 4) is set to 0, the transition
from state NO_UPDATE to TDM_LOCK of MCM Control is disabled. By default it is enabled. If transition mask
0 (bit 3) is set to 0, the transition from state NO_UPDATE to FS_LOCK of MCM Control is disabled. By default
it is enabled. Setting bits 3 and 4 to ‘0’ means that after entering the state NO_UPDATE this state is not left
except when forced by a block disable (reg. 0x180 set to 0) or an external initialization (reg 0x182 set to 1).
b5:
full_avg_len
b4:
tdm_lock
b3:
fs_lock
b2:
timeout_disa
b1:
fc_noup
b0:
fs_init
Type:
MultiBytes - R
Word Length:
17
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FfEst3_M
0172
16
--
FfEst2_M
0171
15-8
--
FfEst1_M
0170
7-0
--
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MctlEn_M
0180
0
00
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MctlMask_M
0181
5-0
1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com