Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 15Page - STMicroelectronics STA400A Datasheet HTML 16Page - STMicroelectronics STA400A Datasheet HTML 17Page - STMicroelectronics STA400A Datasheet HTML 18Page - STMicroelectronics STA400A Datasheet HTML 19Page - STMicroelectronics STA400A Datasheet HTML 20Page - STMicroelectronics STA400A Datasheet HTML 21Page - STMicroelectronics STA400A Datasheet HTML 22Page - STMicroelectronics STA400A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 117 page
background image
19/117
STA400A
Figure 11. Timing Error Detector Gain
Timing Loop Filter
The timing loop filter is a first order IIR filter with two programmable parameters, one for the proportional and
the other for the integral correction, as shown in fig.6. The output of the integrator, that produces a frequency
control term, is summed with the weighted timing error in the proportional path and then sent to the timing NCO
to close the timing tracking loop.
The proportional gain alpha and the integral gain beta of the filter are programmable by the registers ALFATIM
and BETATIM respectively. The integral gain is set by a mantissa and exponent as given by:
beta = beta_m x 2(beta_e)
where beta_m, the mantissa, is a 5-bit integer value set in the five LSBs of the BETATIM register (beta_m=BE-
TATIM[4:0]) and beta_e, the exponent, is a 3-bit integer set in the three MSBs of the BETATIM register
(beta_e=BETATIM[7:5]).
The proportional gain is an integer value set in the ALFATIM register with a range from 0 to 255 (alpha=ALFA-
TIM[7:0]). The TIMINTG register collects the 8 MSBs of the filter integrator and may be read or written at any
time by the system controller. When the register is written the integrator LSBs are reset.
A limiter is provided on the filter integrator to limit the frequency sweep of the timing NCO. After a drop-out or
during the unlock condition, the frequency uncertainty of the timing NCO (that produces a symbol slip on the
demodulated data) can be controlled setting the maximum number of bit in the timing integrator. This value is
set in the LIMITER block by the TIMLPF_LENGTH parameter (see TIMLPF_CTRL register). The limiter peak-
to-peak range can take 8 values from 8-bits to 20-bits corresponding to a frequency shift from 182Hz to 7.5KHz
respectively.
Timing Integrator Control
This block operates on the timing loop integrator. During a very long drop-out or when no signal is applied to the
demodulator input, the timing loop integrator may drift up to the saturation value. As the signal is applied again
or after the drop-out event, it is possible that the integrator remains in saturation for a long period causing a very
slow symbol re-acquisition time. The TimintgCtrl block recognizes this event and sends a reset to the integrator
register to speed-up the re-acquisition phase.
The flow diagram of the TimintgCtrl block Finite State Machine (FSM) is depicted in fig.12. The FSM parameters
and the block enable/disable command are set in the TIMLPF_CTRL register
0
2
4
6
8
10
12
14
16
18
20
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
TED Gain
C/N (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com