Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 43Page - STMicroelectronics STA400A Datasheet HTML 44Page - STMicroelectronics STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics STA400A Datasheet HTML 47Page - STMicroelectronics STA400A Datasheet HTML 48Page - STMicroelectronics STA400A Datasheet HTML 49Page - STMicroelectronics STA400A Datasheet HTML 50Page - STMicroelectronics STA400A Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
47/117
STA400A
b5:
CARINTG_CLR 0=Carrier Integrator Cleared; 1=Carrier Integrator Active
b4:
CLR_RAMP
0=Ramp Cleared; 1=Ramp Active
b3-b0:RFU
NULOFS_WIN
- Null Carrier Offset Window
The CarrierNullOffset block writes the new IF Frequency in the Carrier NCO if the demodulator lock signal is low
for a period of time equal to the value written in this register. The window length is given in msec.
b3-b0:
NULOFS_WIN 0000 -> 10msec
0100 -> 50msec
1000 -> 175msec
1100 -> 350msec
0001 -> 20msec
0101 -> 100msec 1001 -> 200msec
1101 -> 400msec
0010 -> 30msec
0110 -> 125msec 1010 -> 250msec
1110 -> 450msec
0011 -> 40msec
0111 -> 150msec 1011 -> 300msec
1111 -> 500msec
NULOFS_DELTAF
- Null Carrier Offset Delta Frequency
The CarrierNullOffset block subtracts from the locked carrier frequency the value contains in this register before
writing the new IF Frequency in the Carrier NCO. The register format is two’s complent.
Given a frequency FREQ in Hz, the value to load in the register is given by:
where Int(.) is the integer function.
TIMLPF_CTRL - Timing Loop Filter Control
This register controls the operation of the Timing Loop Filter.
b7:
TIMAVG_OFF
0=Self-Noise Filter enabled; 1=Self-Noise Filter disabled.
b6-b5:
TIMINTG_CLR_WIN
00 -> Window=10sec
10 -> Window=40sec
01 -> Window=20sec
11 -> Window=60sec
b4:
TIMINTG_CLR_EN
0=TimintgCtrl block disabled; 1=TimintgCtrl block enabled
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
NULOFS_WIN
S1/S2
0074/009A
3-0
07
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
NULOFS_DELTAF
S1/S2
0075/009B
7-0
2B
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TIMLPF_CTRL
S1/S2
0076/009C
7-0
90
NU LOF S_D ELT AF
Int F REQ
2
28
512F
MC LK
-----------------------------
0.5
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com