Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 35Page - STMicroelectronics STA400A Datasheet HTML 36Page - STMicroelectronics STA400A Datasheet HTML 37Page - STMicroelectronics STA400A Datasheet HTML 38Page - STMicroelectronics STA400A Datasheet HTML 39Page - STMicroelectronics STA400A Datasheet HTML 40Page - STMicroelectronics STA400A Datasheet HTML 41Page - STMicroelectronics STA400A Datasheet HTML 42Page - STMicroelectronics STA400A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
39/117
STA400A
Table 9. PC Bitsctream Interface
Base Address: 05 - Address Range: 00 - 06
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
00
PCDC_CONF_0
7
wr
00
Clock Configuration for PC Interface #0
01
PCDC_CONF_1
7
wr
00
Clock Configuration for PC Interface #1
02
PCSD_CONF_0
6
wr
00
Output Data Configuration for PC Interface #0
03
PCSD_CONF_1
6
wr
00
Output Data Configuration for PC Interface #1
04
PCSYNC_CONF
8
wr
77
Synchronization Signals Configuration for both
Interfaces
05
8
wr
00
Reserved For Future Use
06
PC_ALARM
2
pr
00
Alarm Signals for Interface #0 and #1
Table 10. TDM (Section 2)
Base Address: 06 - Address Range: 10 - F6
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
10
DeltaRefCyc1_M
8
r
--
delta reference cycles for MCM Frame Sync
11
DeltaRefCyc2_M
5
r
--
20
MfpSyncMax_S1
8
wr
46
set the rightmost distance of sat1 MFP sync
21
MfpSyncMin_S1
8
wr
2F
set the leftmost distance of sat1 MFP sync
22
MfpSyncMax_S2
8
wr
46
set the rightmost distance of sat2 MFP sync
23
MfpSyncMin_S2
8
wr
2F
set the leftmost distance of sat2 MFP sync
24
MfpSyncMax_T
8
wr
11
set the rightmost distance of terrestrial MFP sync
25
MfpSyncMin_T
8
wr
29
set the leftmost distance of terrestrial MFP sync
30
Xmem_Type
1
wr
00
external memory device type
31
XmemRefCyc1
8
wr
75
external memory refresh cycle period
32
XmemRefCyc2
1
wr
01
34
XmemMode
2
wr
00
external memory management mode
35
XmemStatus
2
r
--
external memory management status
36
XmemStErrAdr1
8
r
--
external memory management self-test error address
37
XmemStErrAdr2
8
r
--
38
XmemStErrAdr3
8
r
--
40
UdCycDelta1_T
8
wr
00
MFP Cycle Number Up Down Delta
41
UdCycDelta2_T
3
wr
00
42
Cnt_Prio
8
wr
80
MFP Cycles Time Internal Setting
43
Ud_Cycles1
8
wr
9C
MFP Cycle Number Adiustment.
44
Ud_Cycles2
3
wr
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com