Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 34Page - STMicroelectronics STA400A Datasheet HTML 35Page - STMicroelectronics STA400A Datasheet HTML 36Page - STMicroelectronics STA400A Datasheet HTML 37Page - STMicroelectronics STA400A Datasheet HTML 38Page - STMicroelectronics STA400A Datasheet HTML 39Page - STMicroelectronics STA400A Datasheet HTML 40Page - STMicroelectronics STA400A Datasheet HTML 41Page - STMicroelectronics STA400A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 117 page
background image
STA400A
38/117
Table 8. IF Sampling and Control Interface
Base Address: 04 - Address Range: 00 - 20
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
00
AGC_CTRL1
8
wr
88
Terr. and Sat. AGC Control Register1
01
SAGCREF0
8
wr
90
Satellite Agc Reference (LSB)
02
SAGCREF1
5
wr
01
Satellite Agc Reference (MSB)
03
SAGCINTG
8
wr
00
8MSB of Satellite AGC Integrator
04
TAGCREF0
8
wr
90
Terrestrial Agc Reference (LSB)
05
TAGCREF1
5
wr
01
Terrestrial Agc Reference (MSB)
06
TAGCINTG
8
wr
00
8MSB of Terr. AGC Integrator
07
IF_CTRL
2
wr
00
IF Sampling Control Register
08
8
wr
00
Reserved
09
8
wr
00
Reserved
0A
SELTSTOUT
4
wr
00
Block Functional Test Output Sel.
0B
TSTMUXCTL
4
wr
00
CDEC Functional Test Output Sel.
0C
CLKDIV_CONF
2
wr
03
Master Clock Programmable Divider
0D
QPSK_BER_CTRL
wr
00
Control of the interface for external BER
measurement
0E
Reserved for Future Use
0F
Reserved for Future Use
10
CONTROL
8
wr
00
General Purpose Control
11
8
wr
00
Reserved
12
8
r
--
Reserved
13
8
r
--
Reserved
14
8
r
--
Reserved
15
8
r
--
Reserved
17
IRQ1_MASK
8
wr
00
Interrupt #1 Mask
19
IRQ1_STATUS
8
pr
00
Interrupt #1 Status
1B
8
wr
00
Reserved for Future Use
1D
8
pr
00
Reserved for Future Use
1F
STATUS1
8
r
--
General Purpose Status
20
8
r
--
Reserved for Future Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com