Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 51Page - STMicroelectronics STA400A Datasheet HTML 52Page - STMicroelectronics STA400A Datasheet HTML 53Page - STMicroelectronics STA400A Datasheet HTML 54Page - STMicroelectronics STA400A Datasheet HTML 55Page - STMicroelectronics STA400A Datasheet HTML 56Page - STMicroelectronics STA400A Datasheet HTML 57Page - STMicroelectronics STA400A Datasheet HTML 58Page - STMicroelectronics STA400A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 117 page
background image
55/117
STA400A
FfScale_M
- Fine Frequency Scale Factor
Factor that is multiplied with the Fine Frequency estimates to get the Frequency Control’s internally used esti-
mate. The msb bit has a weight of 0.5, i.e. a value of FF h is interpreted as a factor of 255/256. This value has
to considered together with the control constants of the Fine Frequency Control loop.
Ff_OOR_M
- Fine Frequency Out-Of-Range Counter
This counter counts up if the Fine Frequency Estimate is considered as out of range and the Fine Frequency
Control loop is reset (see register max Freq_M, addr: 0x0121/22).
EpocEn_M
- Error Phase Offset Correction Enable
If this bit is set, the EPOC algorithm inside the Post Processing is enabled
DemapCtrl_M
- Demapping Control
The Re and Im input values are cross added to get the output Re and Im values corresponding to the metric
used for the FEC. This register determines this metric generation calculations.
b7:
sign control inverts Re input value for the Re output
b6:
sign control inverts Im input value for the Re output
b5:
sign control inverts Re input value for the Im output
b4:
sign control inverts Im input value for the Im output
b3:
pass control force zero of Re input value for the Re output
b2:
pass control force zero of Im input value for the Re output
b1:
pass control force zero of Re input value for the Im output
b0:
pass control force zero of Im input value for the Im output
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FfScale_M
0128
7-0
E0
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Ff_OOR_M
012A
7-0
00
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
EpocEn_M
0133
0
01
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
DemapCtrl_M
0134
7-0
E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com