Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 36Page - STMicroelectronics STA400A Datasheet HTML 37Page - STMicroelectronics STA400A Datasheet HTML 38Page - STMicroelectronics STA400A Datasheet HTML 39Page - STMicroelectronics STA400A Datasheet HTML 40Page - STMicroelectronics STA400A Datasheet HTML 41Page - STMicroelectronics STA400A Datasheet HTML 42Page - STMicroelectronics STA400A Datasheet HTML 43Page - STMicroelectronics STA400A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
STA400A
40/117
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
45
FrameLen1
8
wr
00
TDM frame length
46
FrameLen2
8
wr
AD
47
FrameLen3
8
wr
9D
48
DeltaCycles1
8
r
--
MFP Clock Period Monitor
49
DeltaCycles2
3
r
--
4A
MFC1
8
r
--
Master Frame counter
4B
MFC2
3
r
--
4C
MFC_lsb
7
r
--
Master Frame counter (LSB)
4D
Tdm2Enable
8
wr
FF
TDM management block enable
4E
XmemFifoLevel
4
r
--
External memory write access buffer filling level
4F
PcidDataRd1
8
r
--
pcid table read register
50
PcidDataRd2
2
r
--
51
PcidDataWr1
8
wrt
00
pcid number and pcid interface enable
52
PcidDataWr2
2
wrt
00
53
PcidAddr
5
wr
00
address of the pcid in the table
54
PRC_ti
8
wr
C8
Sets the time interval between the output of two
PRCs.
55
Tscw_Err
2
wr
00
Sets what is done if the TSCW has uncorrected
errors
56
Tscw_AddrRd
8
wrt
00
start address of register of TSCW table, which shall to
be read
57
Tscw_Data
8
rt
--
contents of addressed TSCW word (enables
autoincrement function of address when read access)
58
StatusErr_T
2
r
--
read management enable and error flag
59
MgmtCtrl_T
4
wr
03
control vector for TDM management
5B
Tscw_AddrCurr
8
r
--
address of current register of TSCW table, which is
read
61-F0
BK1-BK144
8
trt
FF
TDM management bookkeeping matrix
F5
IrqMask_T
3
int
00
TDM interrupt mask
F6
IrqStatus_T
3
int
00
TDM interrupt status
Table 11. Terrestrial Demodulator (Section 2)
Base Address: 07 - Address Range: 10 - 81
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
10
CfCntGood1_M
8
pr
00
counter for Coarse Frequency Good events
11
CfCntGood2_M
8
pr
00
Table 10. TDM (Section 2) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com