Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 92 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 88Page - STMicroelectronics STA400A Datasheet HTML 89Page - STMicroelectronics STA400A Datasheet HTML 90Page - STMicroelectronics STA400A Datasheet HTML 91Page - STMicroelectronics STA400A Datasheet HTML 92Page - STMicroelectronics STA400A Datasheet HTML 93Page - STMicroelectronics STA400A Datasheet HTML 94Page - STMicroelectronics STA400A Datasheet HTML 95Page - STMicroelectronics STA400A Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 117 page
background image
STA400A
92/117
TAGCREF
- Terrestrial AGC Reference Level
This register is 13 bits long and is divided into two bytes. The LSB byte is named TAGCREF0, the MSB byte is
named TAGCREF1. It sets the signal level at the terrestrial ADC input.
TAGCINTG
- Terrestrial AGC Integrator
This register is connected to the 8MSB of the internal integrator of the terrestrial AGC loop. It gives an image of
the power level at the terrestrial analog input. The register format is two’s complement.
IF_CTRL
- IF Sampling Control Register
This register selects the external ADC format and controls the average filter of the AGC integrator.
b7:
AVG_OFF
Internal averager circuit disable. ‘1’=Averager disabled; ‘0’=Averager enabled.
b6-b2:
Reserved for Future Use
b1 :
FORMAT
External/Internal ADC code format. ‘1’=Two’s complement; ‘0’=Offset Binary.
b0:Reserved
SELTSTOUT
- Internal Test Bus Selection for each Block
This register selects, for each internal blocks, which signals are connected to the FTESTOUT pins. It must ve
used together with the TSTMUXCTL register (addr 0x040B).
b3-b0:TBD
TSTMUXCTL
- Selection of the Internal Block for Functional Test
This register selects, among 16 test buses from the internal functional blocks, the one to be connected to the
FTESTOUT bus according with the table below. It must ve used together with the SELTSTOUT register (addr
Type:
MultiBytes - R/W
Word Length:
13
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TAGCREF1
0405
12-8
01
TAGCREF0
0404
7-0
90
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TAGCINTG
0406
7-0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IF_CTRL
0407
7-0
00
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
SELTSTOUT
040A
3-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com