Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 71 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 67Page - STMicroelectronics STA400A Datasheet HTML 68Page - STMicroelectronics STA400A Datasheet HTML 69Page - STMicroelectronics STA400A Datasheet HTML 70Page - STMicroelectronics STA400A Datasheet HTML 71Page - STMicroelectronics STA400A Datasheet HTML 72Page - STMicroelectronics STA400A Datasheet HTML 73Page - STMicroelectronics STA400A Datasheet HTML 74Page - STMicroelectronics STA400A Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 117 page
background image
71/117
STA400A
MspW_im_S2 - Satellite Two TDM Decoding FSP Correlation Weight, Imaginary Part
Result of the latest FSP imaginary part correlation.
FspPhase_S2 - Satellite Two TDM Decoding Phase
b1-b0 : 00= 0°
10= 90°
01= 270°
11= 180°
TdmEnable_T - Terrestrial TDM Decoding Block Enable
b4 :
terr_tf_en
enable sub-block terrestrial TDM FIFO
b3 :
terr_twc_en
enable sub-block terrestrial TDM write controller
b2 :
terr_td_en
enable sub-block terrestrial TDM de-scrambling
b1 :
terr_tt_en
enable sub-block terrestrial TDM data formating
b0 :
terr_ts_en
enable sub-block terrestrial TDM synchronization
MfpLength_T - Terrestrial TDM Decoding MFP Detection Window Length
Once the MFP is found, the subsequent appearance is scanned within this symmetric window around the MFP
perdicted position on the solf-symbol stream.
MfpThrPreSync_T - Terrestrial TDM Decoding MFP Detection Threshold, Pre-Synchronization
Threshold of the MFP correlation determining MFP detection to achieve pre-synchronization if reached or ex-
ceeded.
Type:
SingleByte - R
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspW_im_S2
022B
6-0
--
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspPhase_S2
022C
1-0
--
Type:
SingleByte - R/W
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TdmEnable_T
022D
4-0
1F
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpLength_T
022E
3-0
07
Type:
SingleByte - R/W
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpThrPreSync_T
022F
7-0
2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com