Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics STA400A Datasheet HTML 47Page - STMicroelectronics STA400A Datasheet HTML 48Page - STMicroelectronics STA400A Datasheet HTML 49Page - STMicroelectronics STA400A Datasheet HTML 50Page - STMicroelectronics STA400A Datasheet HTML 51Page - STMicroelectronics STA400A Datasheet HTML 52Page - STMicroelectronics STA400A Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
49/117
STA400A
b9 :
mfc_freq_lock
0= NO LOCK; 1= LOCK
b8 :
mff_ff_state
0=IDLE; 1= OPERATIONAL
b7-b6 :
mfc_fc_state
00= IDLE
01= INIT
10= TRACKING
11= FREEZE
b5 :
mcf_cf_state
0=IDLE; 1= OPERATIONAL
b4 :
mss_ss_state
0= IDLE; 1= ACTIVE (channel window active)
b3-b2 :
mfs_fs_state
00= IDLE
01= HUNT
10= PRE SYNC
11= SYNC
b1 :
mpp_pp_state
0=IDLE; 1= OPERATIONAL
b0 :
mfft_fft_state
0=IDLE; 1= OPERATIONAL
DataOvf_M
- MCM Demodulator Blocks Overflow Register
Overflow bit event counter of iqgen, lpf and nco.The internal overflow bits are “ored” and counted. This may be
an indication that the input signal is to strong so that internal overflow occurs.
IQGMode_M
- IQ Generation Mode
Inverts and interchanges of I and Q at the output of the IQ Generation. Required for A,B ensemble switch. For
ensemble A value of 02h and for ensemble B the default value of 00h must be used.
b2 :
Interchange of Re and Im data
b1 :
Sign Invertion of Im data
b0 :
Sign Invertion of Re data
Clk_devcomp_M
- Clock Deviation Compensation Mode
b0 :
‘1’=Signal coming from TDM management will be used
‘0’=Signal coming from Register Map (CycleCntRe) will be used
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
DataOvf_M
0104
7-0
00
Type:
SingleByte - R/W
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IQGMode_M
0106
2-0
02
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Clk_devcomp_M
0107
0
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com