Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 29Page - STMicroelectronics STA400A Datasheet HTML 30Page - STMicroelectronics STA400A Datasheet HTML 31Page - STMicroelectronics STA400A Datasheet HTML 32Page - STMicroelectronics STA400A Datasheet HTML 33Page - STMicroelectronics STA400A Datasheet HTML 34Page - STMicroelectronics STA400A Datasheet HTML 35Page - STMicroelectronics STA400A Datasheet HTML 36Page - STMicroelectronics STA400A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 117 page
background image
33/117
STA400A
Table 6. TDM (Section 1)
Base Address: 02 - Address Range: 00 - CB
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
00
TdmEnable_S
8
wr
FF
satellite TDM decoding block enable
04
TdmSync_S1
5
wr
10
satellite one TDM decoding synchronization data
control
05
MfpLength_S1
4
wr
0F
satellite one TDM decoding extended MFP
detection window length
06
MfpThr_S1
7
wr
44
satellite one TDM decoding extended MFP
detection threshold
07
SyncLength_S1
4
wr
03
satellite one TDM decoding synchronization
window length
08
PreSyncThr_S1
4
wr
02
satellite one TDM decoding pre-synchronization
lost threshold
09
SyncThr_S1
4
wr
0B
satellite one TDM decoding synchronization lost
threshold
0A
FspThr_S1
6
wr
14
satellite one TDM decoding FSP invalid threshold
0B
MetricCtrl_S1
4
wr
00
satellite one TDM decoding QPSK metric
generation data control
0C
Scrambler1_S1
8
wr
05
satellite one TDM decoding scrambler polynomial
0D
Scrambler2_S1
4
wr
08
12
TdmSync_S2
5
wr
10
satellite one TDM decoding synchronization data
control
13
MfpLength_S2
4
wr
0F
satellite two TDM decoding extended MFP
detection window length
14
MfpThr_S2
7
wr
44
satellite two TDM decoding extended MFP
detection threshold
15
SyncLength_S2
4
wr
03
satellite two TDM decoding synchronization
window length
16
PreSyncThr_S2
4
wr
02
satellite two TDM decoding pre-synchronization
lost threshold
17
SyncThr_S2
4
wr
0B
satellite two TDM decoding synchronization lost
threshold
18
FspThr_S2
6
wr
14
satellite two TDM decoding FSP invalid threshold
19
MetricCtrl_S2
4
wr
00
satellite two TDM decoding QPSK metric
generation data control
1A
Scrambler1_S2
8
wr
05
satellite two TDM decoding scrambler polynomial
1B
Scrambler2_S2
4
wr
08
1D
MfpLock_S1
7
r
--
satellite two TDM decoding status
1E
MfpLost_S1
4
r
--
satellite one TDM decoding extended MFP counter
20
MfpW_re_S1
8
r
--
satellite one TDM decoding extended MFP
correlation weight, real part
21
MfpW_im_S1
8
r
--
satellite one TDM decoding extended MFP
correlation weight, imaginary part
22
FspW_re_S1
7
r
--
satellite one TDM decoding FSP correlation weight,
real part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com