Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 28Page - STMicroelectronics STA400A Datasheet HTML 29Page - STMicroelectronics STA400A Datasheet HTML 30Page - STMicroelectronics STA400A Datasheet HTML 31Page - STMicroelectronics STA400A Datasheet HTML 32Page - STMicroelectronics STA400A Datasheet HTML 33Page - STMicroelectronics STA400A Datasheet HTML 34Page - STMicroelectronics STA400A Datasheet HTML 35Page - STMicroelectronics STA400A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
STA400A
32/117
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
52
CorrMaxPos2_M
3
r
--
53
PosShift1_M
8
r
--
real shift operation after checking history.
54
PosShift2_M
4
r
--
55
WinJump1_M
8
r
--
real jump of window.
56
WinJump2
3
r
--
60
NCOInc1_M
8
r
--
NCO increment.
61
NCOInc2_M
8
r
--
62
NCOInc3_M
1
r
--
70
FfEst1_M
8
r
--
actual fine frequency value.
71
FfEst2_M
8
r
--
72
FfEst3_M
1
r
--
80
MctlEn_M
1
wr
00
MCM Control
81
MctlMask_M
6
wr
1F
MCM Control masks
82
MctlInit_M
1
wrt
00
MCM Control initialization trigger
83
TdmCntTh_M
8
wr
18
Number of TDM frames in lock for transition to
state NO_UPDATE
84
MctlState_M
2
r
00
MCM Control Status
90
MeanAbs_M
8
r
00
Mean of absolute value of MCM output symbols
91
ClipRate_M
8
r
00
MCM output clip rate
95
OivlLenAMSSFail1_M
8
wr
8B
sets length of observation interval of reg 0x0144/45
(139 frames =~ 1 sec).
96
OivlLenAMSSFail2_M
4
wr
0F
97
WinJpLimit1_M
8
wr
03
sets maximal allowed jump of window.
98
WinJpLimit2_M
3
wr
00
9A
JpLimitEvt_M
8
pr
00
counts jump limit events
9B
WinJpNoLimit1_M
8
wr
00
actual requested jump of window without limit
function.
9C
WinJpNoLimit2_M
3
wr
00
B0
IQGDataOvf_M
8
pr
00
Overflow event counter of LPF inside IQGEN
B2
NCODataOvf_M
8
pr
00
Overflow event counter of NCO
B4
LPFDataOvf_M
8
pr
00
Overflow event counter of LPF
C0
IrqMask_M
2
int
00
MCM interrupt mask
C1
IrqStatus_M
2
int
00
MCM interrupt status
Table 5. Terrestrial Demodulator (Section 1
) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com