Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 79 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 75Page - STMicroelectronics STA400A Datasheet HTML 76Page - STMicroelectronics STA400A Datasheet HTML 77Page - STMicroelectronics STA400A Datasheet HTML 78Page - STMicroelectronics STA400A Datasheet HTML 79Page - STMicroelectronics STA400A Datasheet HTML 80Page - STMicroelectronics STA400A Datasheet HTML 81Page - STMicroelectronics STA400A Datasheet HTML 82Page - STMicroelectronics STA400A Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 117 page
background image
79/117
STA400A
TpmFspW_re_S1 - Sat1 TDM Preamble Monitor FSP Correlation Weight, Real Part
Result of the latest FSP real part correlation.
TpmFspW_im_S1 - Sat1 TDM Preamble Monitor FSP Correlation Weight, Imaginary Part
Result of the latest FSP imaginary part correlation.
TpmFspPosSlip_S1 - Sat1 TDM Preamble Monitor FSP Position Slip
TpmFspTdmPhase_S1 - Sat1 TDM Preamble Monitor FSP Phase
Phase of the TDM soft-symbol stream basing the result on the lastest FSP correlation.
b1-b0 :
00= 0°10= 90°
01= 270°11= 180°
TpmPrDetect_S1 - Sat1 TDM Preamble Monitor Preamble Detection
Preamble detection based on the result of the latest preamble correlation.
TpmFspCySlipCnt_S1 - Sat1 TDM Preamble Monitor FSP Cycle Slip Counter
Cycle slip counter based on FSP evaluation whilst FSP detected for the latest TDM frame.
Type:
SingleByte - R
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspW_re_S1
0294
6-0
--
Type:
SingleByte - R
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspW_im_S1
0295
6-0
--
Type:
MultiBytes - R
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspPosSlip2_S1
0297
11-8
--
TpmFspPosSlip1_S1
0296
7-0
--
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspTdmPhase_S1
0298
1-0
--
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmPrDetect_S1
0299
1-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspCySlipCnt_S1
029A
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com