Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 68 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 64Page - STMicroelectronics STA400A Datasheet HTML 65Page - STMicroelectronics STA400A Datasheet HTML 66Page - STMicroelectronics STA400A Datasheet HTML 67Page - STMicroelectronics STA400A Datasheet HTML 68Page - STMicroelectronics STA400A Datasheet HTML 69Page - STMicroelectronics STA400A Datasheet HTML 70Page - STMicroelectronics STA400A Datasheet HTML 71Page - STMicroelectronics STA400A Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 117 page
background image
STA400A
68/117
FspThr_S2 - Sat2 TDM Decoding FSP Invalid Threshold
Threshold of the FSP correlation determining an invalid FSP detection if not exceeded.
MetricCtrl_S2 - Satellite One TDM Decoding QPSK Metric Generation Data Control
Enables swap of data I- and Q-component and QPSK-map inversion if the corresponding bit is set. Determines
the threshold of the Soft Decision Slicer and the applied data output format.
b3 :
mgen_map_inv
b2 :
mgen_format
0 = Two's complement;
1= Offset binary
b1 :
mgen_lim_thold
0-> Threshold = (64)dec;
1-> Threshold = (80)dec
b0 :
mgen_iq_swap_data_in
Scrambler_S2 - Satellite Two TDM Decoding Scrambler Polinomial
MfpLock_S1 - Satellite One TDM Decoding Status
b6-b5 : tdm_sync
00= IDLE
10= FSP RESYNC
01= XMFP HUNT
11= XMFP RESYNC
b4-b3 : tdm_dropout_align
00= IDLE
10= MEDIUM
01= SHORT
11= LONG
b2-b1 : tdm_sync_status
00= IDLE/FLUSH
10= SYNC
01= PRESYNC
10= SYNC
b0 :
tdm_lock
0= UNLOCK;
1= LOCK
MfpLost_S1 - Satellite One TDM Decoding Extended MFP Counter
Number of extended MFP's not found within the synchronization window whilest presynchronized (range from
0 to the value loaded into the register PreSyncThr_S1, addr:0x0208) or subsequent not found whilest synchro-
nized (range from 0 to the value loaded into the register SyncThr_S1, addr:0x0209).
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspThr_S2
0218
5-0
14
Type:
MultiBytes - R/W
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Scrambler2_S2
021B
11-8
08
Scrambler1_S2
021A
7-0
05
Type:
SingleByte - R
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpLock_S1
021D
6-0
--
Type:
SingleByte - R
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpLost_S1
021E
3-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com