Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 52Page - STMicroelectronics STA400A Datasheet HTML 53Page - STMicroelectronics STA400A Datasheet HTML 54Page - STMicroelectronics STA400A Datasheet HTML 55Page - STMicroelectronics STA400A Datasheet HTML 56Page - STMicroelectronics STA400A Datasheet HTML 57Page - STMicroelectronics STA400A Datasheet HTML 58Page - STMicroelectronics STA400A Datasheet HTML 59Page - STMicroelectronics STA400A Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 117 page
background image
STA400A
56/117
EpocThr_M
- Error Phase Offset Correction Threshold
Only carriers with a Re value equal or larger than mrm_epoc_thresh are taken for the EPOC internally calcula-
tions. The value is relative to the dynamic range of the signal. A value of 0FFF corresponds to 2047/2048. The
msb must be set always to ‘0’.
NormShift_M
- FFT Normalization
Normalization factor for FFT output. This register scales the FFT output by a factor of 2norm_shift_M. (mantissa
only)
LinScale_M
- FFT Output Linear Scaling
The register mrm_lin_scale performs a linear scaling of the FFT output data. The register values from 0 to 255
correspond to an actual scaling factor of Lin_scale_M/128, i.e. from 0 to 255/128. The default of 128 corre-
sponds to a scaling factor of 1.0.
ShiftOvfl_M
- NormShift Overflow Counter
Overflow counter of FFT shift and norm shift together. The counter trigger is set if the normalization 0x37 is too
large so that overall scaling is too large.
LimitOvfl_M
- Pre Processing Overflow Counter
Overflow event counter if the range of scale FFT data exceeds input range of PreProcessing.
Type:
MultiBytes - R/W
Word Length:
14
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
EpocThr2_M
0136
13-8
06
EpocThr1_M
0135
7-0
00
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
NormShift_M
0137
3-0
0B
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
LinScale_M
0138
7-0
80
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
ShiftOvfl_M
0139
7-0
00
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
LimitOvfl_M
013B
7-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com