Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 31Page - STMicroelectronics STA400A Datasheet HTML 32Page - STMicroelectronics STA400A Datasheet HTML 33Page - STMicroelectronics STA400A Datasheet HTML 34Page - STMicroelectronics STA400A Datasheet HTML 35Page - STMicroelectronics STA400A Datasheet HTML 36Page - STMicroelectronics STA400A Datasheet HTML 37Page - STMicroelectronics STA400A Datasheet HTML 38Page - STMicroelectronics STA400A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 117 page
background image
35/117
STA400A
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
51
Prc_Num1
8
wr
00
TDM PRC interface: PRC number. (Range from 1
to 258).
52
Prc_Num2
1
wr
00
60
DescDataEn
5
wr
00
select signal for multiplexers after descrambler
61
DescData_re_T
8
wr
00
real terrestrial test data
62
DescData_im_T
8
wr
00
imag terrestrial test data
63
DescData_re_S1
4
wr
00
real satellite one test data
64
DescData_im_S1
4
wr
00
imag satellite one test data
65
DescData_re_S2
4
wr
00
real satellite two test data
66
DescData_im_S2
4
wr
00
imag satellite two test data
67
DescData_S1wfg
4
wr
00
SWFG one test data
68
DescData_S2wfg
4
wr
00
SWFG two test data
80
TpmEnable_S
2
wr
00
satellite TDM preamble monitor block enable
81
TpmDataFormat_S1
2
wr
00
satellite one TDM preamble monitor input data
format
82
TpmMfpThr_S1
7
wr
28
satellite one TDM preamble monitor MFP detection
threshold
83
TpmFspThr_S1
6
wr
14
satellite one TDM preamble monitor FSP detection
threshold
84
TpmDataFormat_S2
2
wr
00
satellite two TDM preamble monitor input data
format
85
TpmMfpThr_S2
7
wr
28
satellite two TDM preamble monitor MFP detection
threshold
86
TpmFspThr_S2
6
wr
14
satellite two TDM preamble monitor FSP detection
threshold
90
TpmMfpW_re_S1
8
r
--
satellite one TDM preamble monitor MFP
correlation weight, real part
91
TpmMfpW_im_S1
8
r
--
satellite one TDM preamble monitor MFP
correlation weight, imaginary part
92
TpmMfpSymSlip1_S1
8
r
--
satellite one TDM preamble monitor MFP symbol slip
93
TpmMfpSymSlip2_S1
4
r
--
94
TpmFspW_re_S1
7
r
--
satellite one TDM preamble monitor FSP
correlation weight, real part
95
TpmFspW_im_S1
7
r
--
satellite one TDM preamble monitor FSP
correlation weight, imaginary part
96
TpmFspPosSlip1_S1
8
r
--
satellite one TDM preamble monitor FSP position
slip
97
TpmFspPosSlip2_S1
4
r
--
98
TpmFspTdmPhase_S1
2
r
--
satellite one TDM preamble monitor FSP phase
99
TpmPrDetect_S1
2
r
--
satellite one TDM preamble monitor preamble
detection
9A
TpmFspCySlipCnt_S1
8
r
--
satellite one TDM preamble monitor FSP cycle slip
counter
Table 6. TDM (Section 1) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com