Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 85 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 81Page - STMicroelectronics STA400A Datasheet HTML 82Page - STMicroelectronics STA400A Datasheet HTML 83Page - STMicroelectronics STA400A Datasheet HTML 84Page - STMicroelectronics STA400A Datasheet HTML 85Page - STMicroelectronics STA400A Datasheet HTML 86Page - STMicroelectronics STA400A Datasheet HTML 87Page - STMicroelectronics STA400A Datasheet HTML 88Page - STMicroelectronics STA400A Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 117 page
background image
85/117
STA400A
‘1’= FEC Preprocessing operational
b2 :
RS Input Control
‘0’= RS Input Control inactive
‘1’= RS Input Control operational
b1 :
Viterbi Decoder
‘0’= VD inactive
‘1’= VD operational
b0 :
FEC Management
‘0’= FEC Management inactive
‘1’= FEC Management operational
ErrorCtrl_F
- FEC Error Register
b5-b0 : 0x00
->
Asynchronous status overwrite for each PRC proceed
0x01
->
Update FEC error registers with TSCC1 status only
0x02
->
Update FEC error registers with TSCC2 status only
0x03
->
Update FEC error registers with 1st PRC packet after TSCCs
...
0x32
->
Update FEC error registers with 48th PRC packet after TSCCs
x33-0x3F ->
Undefined
InitState_F
- Convolutional Decoder Initial State Control Register
Initial state of convolutional decoder after training sequence, which corresponds to the reverse of the last 6 bits
of the PRC preamble 1D(hex)=00011101 -> 101110 = 2E(hex)=46(dec).
InitLfsr_F
- Viterbi Decoder LFSR Initial State
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
ErrorCtrl_F
0302
5-0
01
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
InitState_F
0307
5-0
2E
Type:
MultiBytes - R/W
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
InitLfsr2_F
0309
11-8
0C
InitLfsr1_F
0308
7-0
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com