Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 42Page - STMicroelectronics STA400A Datasheet HTML 43Page - STMicroelectronics STA400A Datasheet HTML 44Page - STMicroelectronics STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics STA400A Datasheet HTML 47Page - STMicroelectronics STA400A Datasheet HTML 48Page - STMicroelectronics STA400A Datasheet HTML 49Page - STMicroelectronics STA400A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 117 page
background image
STA400A
46/117
TIMINTG
- 8 MSBs of Timing Loop Integrator
This register contains the 8 MSBs of the timing loop integrator. The format is two’s complement.
CARINTG
- 8 MSBs of Carrier Loop Integrator
This register contains the 8 MSBs of the carrier loop integrator. The format is two’s complement.
CARFREQ
- Locked Carrier Frequency
This register is 28 bit long and is divided into four bytes; CARFREQ0 is the LSB byte, CARFREQ3 is the MSB.
It contains the carrier frequency on which the demodulator is locked. The format is two’s complement.
CN
- Carrier to Noise Esteem
This register gives the Carrier to Noise Ratio estimation in dB. The number has a fixed point format.
b7- b3 :
Integer Part
b2- b0 :
Fractional Part
Example : CN = ’10010111’ = (100101.11)bin = (37.75)dec => C/N = 37.75dB
FLAG
- Demodulator Status Register
This is a read only register containing specific status bit of the demodulator.
b7:
LOCK
0=Demodulator Locked; 1=Demodulator Unlocked
b6:
TIMINTG_CLR 0=Timing Integrator Cleared; 1=Timing Integrator Active
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TIMINTG
S1/S2
006C/0092
7-0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CARINTG
S1/S2
006D/0093
7-0
00
Type:
MultiBytes - R
Word Length:
28
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CARFREQ3
S1/S2
0071/0097
27-24
--
CARFREQ2
S1/S2
0070/0096
23-16
--
CARFREQ1
S1/S2
006F/0095
15-8
--
CARFREQ0
S1/S2
006E/0094
7-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CN
S1/S2
0072/0098
7-0
--
Type:
SingleByte - R
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FLAG
S1/S2
0073/0099
7-4
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com