Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 10Page - STMicroelectronics STA400A Datasheet HTML 11Page - STMicroelectronics STA400A Datasheet HTML 12Page - STMicroelectronics STA400A Datasheet HTML 13Page - STMicroelectronics STA400A Datasheet HTML 14Page - STMicroelectronics STA400A Datasheet HTML 15Page - STMicroelectronics STA400A Datasheet HTML 16Page - STMicroelectronics STA400A Datasheet HTML 17Page - STMicroelectronics STA400A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
STA400A
14/117
The second IF composite satellite signal, available at the IF2SA inputs, has the spectrum schematically shown
in Fig.7. The base band convertion of the selected satellite signal is done by programming the carrier NCO (act-
ing as local oscillator) of the demodulator. For demodulating the S1-Early Satellite signal the carrier NCO fre-
quency of the Early QPSK Demodulator must be equal to 6.095 + 0.92 = 7.015 MHz; for the S2-Late Satellite
signal the frequency at the carrier NCO output of the Late QPSK Demodulator must be 6.095 - 0.92 = 5.175
MHz.
The register map of the QPSK demodulators is described in section 2.2.
I/Q Mixer - Carrier NCO
The final downconvertion to baseband of the 2nd IF satellite signal is performed by a mixer and a local oscillator
implemented with an NCO and a Sin/Cos Look-up table (see figure 6). The signal coming from the IF Sampling
block is multiplied by the output of the quadrature NCO to produce the I and Q components of the baseband
signal. The NCO output are the sine and cosine functions obtained with a look-up table driven by a 28 bit phase
accumulator.
The IFFREQ register sets the frequency of the carrier NCO as given in the following:
Fc = FMCLK x (IFFREQ)/2
28 ,
where FMCLK is the clock frequency and IFFREQ is the 28 bit integer value loaded in the register.
For example, to program the S1-NCO to 7.015 MHz the IFFREQ register must be loaded with 04B13B14 (Hex)
equivalent to 78723860 (Dec).
The sine/cosine output frequency of the NCO is given by Fo = (Fc + Fsw + PHerr) x FMCLK/2
28 where Fc is the
nominal center frequency, Fsw is the output of the frequency sweep generator, PHerr is the filtered phase error
from the carrier loop filter output and FMCLK/2
28 is the NCO frequency resolution.
The CARFREQ read only register gives the value of the actual carrier frequency after the lock condition has
been reached. This register can be used to measure the frequency offset between the local oscillator and the
incoming carrier.
The QCHS block of the I/Q mixer changes the sign of the Quadrature component in order to adapt the demod-
ulation process to a different rotation sense of the QPSK mapping.
Figure 7. Second IF Satellite Signal Spectrum
Fo
S1A
(S1B)
F (MHz)
S2A
(S2B)
Fo + 0.92
Fo - 0.92
Fo = 6.095 MHz
RRC Symbol freq = 1.64 MHz
roll-off factor = 15 %
S2 = Late Satellite
S1 = Early satellite
A = Ensemble A; B = Ensemble B
3.726
1.886
1.886
1.64
1.64
1.84
0.92
0.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com