Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 48Page - STMicroelectronics STA400A Datasheet HTML 49Page - STMicroelectronics STA400A Datasheet HTML 50Page - STMicroelectronics STA400A Datasheet HTML 51Page - STMicroelectronics STA400A Datasheet HTML 52Page - STMicroelectronics STA400A Datasheet HTML 53Page - STMicroelectronics STA400A Datasheet HTML 54Page - STMicroelectronics STA400A Datasheet HTML 55Page - STMicroelectronics STA400A Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
STA400A
52/117
attenuation function:
;
α(k + 1) = α(k) +b
k0 = channel window length (in Symbol Rate), a = attenuation factor (in dB) and b= corr_weight_factor / 2
13
Constant Channel Window (Ko=180 samples):
Constant Attenuation (3dB):
HistLen_M
- History Register Length
Stores the last 15 shift operations of the window start position. The chosen value will restrict the array out of
which the minimum shift operation will be searched.
b3-b0 : 0000=Current correlation maximum will be proceeded
.
1111=Current and the last 15 correlation positions will be taken account
CN_M
- Estimated Noise ans Signal to Noise Power
Uses 12 adjacent carriers besides the active carriers. Estimates power within these 24 adjacent carriers
(mff_n_guard) and power within all 637 active carriers (mff_cpn_act).
b23-b12 :
mff_n_guard
b11-b0 :
mff_cpn_act
Attenuation
b (*213)
0dB
8192
3dB
8184
6dB
8176
12dB
8160
Channel Window
b(*213)
180
8184
90
8176
45
8160
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
HistLen_M
0117
3-0
0F
Type:
MultiBytes - R
Word Length:
24
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CN3_M
011B
23-16
--
CN2_M
011A
15-8
--
CN1_M
0119
7-0
--
α k
()
10
k
2k
0
---------
a
20dB
--------------
⋅
=
b10
k
2k
0
---------
a
20d B
--------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com