Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 54 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 50Page - STMicroelectronics STA400A Datasheet HTML 51Page - STMicroelectronics STA400A Datasheet HTML 52Page - STMicroelectronics STA400A Datasheet HTML 53Page - STMicroelectronics STA400A Datasheet HTML 54Page - STMicroelectronics STA400A Datasheet HTML 55Page - STMicroelectronics STA400A Datasheet HTML 56Page - STMicroelectronics STA400A Datasheet HTML 57Page - STMicroelectronics STA400A Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 117 page
background image
STA400A
54/117
MaxFreq_M
- Fine Frequency Out-Of-Range Setting
Maximum Allowed Difference of fine frequency and coarse frequency estimation to Detect Out-of-Range Con-
dition of ff. If the difference between Fine and Coarse Frequency estimation is equal or larger than this value,
the Fine Frequency is considered out of range and is internally cleared. The value is in units of 91.25Hz (2.99e6/
32368).
MinCf_M
- Coarse Frequency Estimation Confidence Value
Only Coarse Frequency estimations with a confidence value equal or larger than the value set in this register
are considered as valid and loaded into the internal coarse frequency estimation value register.
CfRef_M
- Coarse Frequency Offset Setting
External value for coarse frequency estimation. This value will be overwritten if the Coarse Frequency delivers
valid estimations. The value is in units of 91.25Hz (2.99e6/32768).
CfValue_M
- Coarse Frequency Offset Value
The value is in units of 91.25Hz (2.99e6/32768).
Type:
MultiBytes - R/W
Word Length:
13
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MaxFreq2_M
0122
12-8
00
MaxFreq1_M
0121
7-0
46
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MinCf_M
0123
7-0
90
Type:
MultiBytes - WRT
Word Length:
13
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CfRef2_M
0125
12-8
00
CfRef1_M
0124
7-0
00
Type:
MultiBytes - R
Word Length:
13
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CfValue2_M
0127
12-8
--
CfValue1_M
0126
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com