Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 51 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 47Page - STMicroelectronics STA400A Datasheet HTML 48Page - STMicroelectronics STA400A Datasheet HTML 49Page - STMicroelectronics STA400A Datasheet HTML 50Page - STMicroelectronics STA400A Datasheet HTML 51Page - STMicroelectronics STA400A Datasheet HTML 52Page - STMicroelectronics STA400A Datasheet HTML 53Page - STMicroelectronics STA400A Datasheet HTML 54Page - STMicroelectronics STA400A Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 117 page
background image
51/117
STA400A
FrameLen_M
- AMSS Detection Frame Window Length
This register sets the window value within which, before and after the expected AMSS sequence, the occurance
of the AMSS sequence is searched. Value corresponds to mcm symbol rate
ChannelLen_M
- AMSS Detection Channel Window Length
Window while searching for higher AMSS correlation peaks. Value corresponds to mcm symbol rate.
CycleCnt_M
- MCM Frame Cycle Count Difference wrt Nominal Value
This value is computed due to the internal clock adjustment based on MFP evaluation.
CycleCntRef_M
- MCM Frame Cycle Count Difference Setting
External setting of actual difference of mcm-frame cycle count to nominal value.
AttFactor_M
- Attenuation Factor
Attenuation factor for correlation results inside channel window. Used for determination of guard window posi-
tion.
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FrameLen_M
010E
7-0
B4
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
ChannelLen_M
010F
7-0
B4
Type:
MultiBytes - R
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CycleCnt2_M
0111
11-8
--
CycleCnt1_M
0110
7-0
--
Type:
MultiBytes - WRT
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CycleCntRef2_M
0113
11-8
00
CycleCntRef1_M
0112
7-0
00
Type:
MultiBytes - R/W
Word Length:
13
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
AttFactor2_M
0116
12-8
1F
AttFactor1_M
0115
7-0
F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com