Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 13Page - STMicroelectronics STA400A Datasheet HTML 14Page - STMicroelectronics STA400A Datasheet HTML 15Page - STMicroelectronics STA400A Datasheet HTML 16Page - STMicroelectronics STA400A Datasheet HTML 17Page - STMicroelectronics STA400A Datasheet HTML 18Page - STMicroelectronics STA400A Datasheet HTML 19Page - STMicroelectronics STA400A Datasheet HTML 20Page - STMicroelectronics STA400A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 117 page
background image
17/117
STA400A
Carrier Loop Filter
The carrier loop filter is a first order IIR filter with two programmable parameters, one for the proportional and
the other for the integral correction, as shown in fig. 6. The output of the integrator, that produces a frequency
control term, is summed with the weighted phase error in the proportional path and then sent to the Carrier NCO
to close the carrier tracking loop.
The proportional gain alpha and the integral gain beta of the filter are configured by the registers ALFACAR and
BETACAR respectively. The integral gain is set by a mantissa and exponent as given by:
beta = beta_m x 2(beta_e)
where beta_m, the mantissa, is a 5-bit integer value set in the five LSBs of the BETACAR register (beta_m=BE-
TACAR[4:0]) and beta_e, the exponent, is a 3-bit integer set in the three MSBs of the BETACAR register
(beta_e=BETACAR[7:5]).
The proportional gain is an integer value set in the ALFACAR register with a range from 0 to 255 (alpha=ALFA-
CAR[7:0]). The CARINTG register collects the 8 MSBs of the filter integrator and may be read or written at any
time by the system controller. When the register is written, the integrator LSBs are reset. The filter integrator is
saturated to 21-bit by the LIMITER block resulting in a maximum peak-to-peak frequency range of 373KHz (with
FMCLK = 23.92MHz).
Carrier Loop Equations
The carrier loop is fully digital and comprises two blocks working at symbol rate: the Phase/Frequency Error
Detector and the Loop Filter, and two blocks working at clock rate: the Carrier NCO and the I/Q Mixer (see fig.6).
The loop is parametrised by the coefficients alpha and beta given in the registers ALFACAR and BETACAR
respectively. The carrier loop is a second order loop whose natural frequency fn and damping factor ξ may be
calculated applying the following formulas:
where alpha is set in the ALFACAR register and beta in the BETACAR register, Kd is the PFD gain as shown
in fig.10 and m is the reference level of the AGC2 loop (see AGC2REF register).
For example, to set the loop natural frequency to 1.3KHz with the default value for m=AGC2REF (90dec, 5Ahex)
and Kd = 1.24 (noise free value), the above equation solved for beta gives:
alpha can be chosen to have a damping factor equal to 0.7:
The register ALFACAR can be programmed with 23 (Dec) and the register BETACAR can be programmed with
the parameter BETA_E=0 and BETA_M=21 (Dec).
Frequency Sweep
When the frequency offset is greater than the pull-in range of the carrier loop or in presence of low signal to
noise ratio the tracking performance of the loop itself may became rather slow. To help the loop in tracking this
frequency offset an internal frequency sweep generator can be enabled via IIC-bus. The output of this block is
summed to the frequency register of the I/Q Mixer and operates only during the carrier acquisition. The sweep
is stopped by the lock detector when the carrier lock condition is reached (see fig.6).
The sweep rate is given by the following formula:
f
n
26.96 m K
d b e t a
[Hz]
=
ζ
0.01322 alpha
mk
d
beta
-------------
=
be ta
f
n
2
726.84m K
d
-------------------------------
20.83
==
al pha
ζ
0.01322
--------------------- beta
mK
d
-------------
22.87
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com