Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 39Page - STMicroelectronics STA400A Datasheet HTML 40Page - STMicroelectronics STA400A Datasheet HTML 41Page - STMicroelectronics STA400A Datasheet HTML 42Page - STMicroelectronics STA400A Datasheet HTML 43Page - STMicroelectronics STA400A Datasheet HTML 44Page - STMicroelectronics STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics STA400A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 117 page
background image
43/117
STA400A
PFDTHR - Phase/Frequency Error Detector Threshold
This register sets the threshold for the frequency detector. The number format is positive integer.
SYMFREQ
- Symbol Frequency
This register sets the symbol frequency of the Timing NCO (equal to 1.64MHz for both satellite demodulators).
It is 25 bit long and is divided into four bytes; SYMFREQ0 is the LSB byte, SYMFREQ3 is the MSB. SYMFREQ
must be loaded with an interger value given by
where FMCLK =
23.92MHz is the master clock frequency, Fsym is the symbol frequency and Int(.) is the integer part of the number.
IFFREQ
- Intemediate Frequency
This register sets the 2nd intermediate carrier frequency of the I/Q Mixer. It is 28 bit long and is divided into four
bytes; IFFREQ0 is the LSB byte, IFFREQ3 is the MSB. IFFREQ must be loaded with an interger value given by
where FMCLK = 23.92MHz is the master clock frequency, Fc is the second
intermediate frequency (5.175MHz for S2-Late satellite and 7.015MHz for S1-Early satellite) and Int(.) is the in-
teger part of the number.
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PFDTHR
S1/S2
005B/0081
5-0
14
Type:
MultiBytes - R/W
Word Length:
25
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
SYMFREQ3
S1/S2
005F/0085
24
00
SYMFREQ2
S1/S2
005E/0084
23-16
23
SYMFREQ1
S1/S2
005D/0083
15-8
1A
SYMFREQ0
S1/S2
005C/0082
7-0
8B
Type:
MultiBytes - R/W
Word Length:
28
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IFFREQ3
S1/S2
0063/0089
27-24
04/03
IFFREQ2
S1/S2
0062/0088
23-16
B1/76
IFFREQ1
S1/S2
0061/0087
15-8
3B/27
IFFREQ0
S1/S2
0060/0086
7-0
14/62
SYMFR EQ
i nt 0.5
F
sym
F
MC LK
------------------2
25
+



=
IFF REQ
in t 0.5
F
c
F
MC LK
------------------ 2
28
+



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com