Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 73 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 69Page - STMicroelectronics STA400A Datasheet HTML 70Page - STMicroelectronics STA400A Datasheet HTML 71Page - STMicroelectronics STA400A Datasheet HTML 72Page - STMicroelectronics STA400A Datasheet HTML 73Page - STMicroelectronics STA400A Datasheet HTML 74Page - STMicroelectronics STA400A Datasheet HTML 75Page - STMicroelectronics STA400A Datasheet HTML 76Page - STMicroelectronics STA400A Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 117 page
background image
73/117
STA400A
termines the applied data output format. If the limiter is enabled, data with MSB = '1' is replaced by "all-ones",
data with MSB = '0' is shifted left logically.
b3 :
map_inv
b2 :
format
0= Two's complement; 1= Offset binary
b1 :
limit
b0 :
iq_swap
TdmStatus_T - Terrestrial TDM Decoding Status
b2-b1 : tdm_sync_status
00= IDLE
10= SYNC
01= PRESYNC
11= UNLOCK
b0 :
tdm_lock
0 = UNLOCK
1= LOCK
MfpLost_T - Terrestrial TDM Decoding MFP Correlation Lost
Number of MFPs found within the synchronization window whilest pre-synchronized (range from 0 to the value
loaded into the register SyncLost_T, addr:0x0233).
MfpW_re_T - Terrestrial TDM Decoding MFP Correlation Weight, Real Part
Result of the latest MFP real part correlation.
MfpW_im_T - Terrestrial TDM Decoding MFP Correlation Weight, Imaginary Part
Result of the latest MFP imaginary part correlation.
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
DataFormat_T
0236
3-0
00
Type:
SingleByte - R
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TdmStatus_T
0237
2-0
--
Type:
SingleByte - R
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpLost_T
0239
3-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpW_re_T
023A
7-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpW_im_T
023B
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com