Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 33Page - STMicroelectronics STA400A Datasheet HTML 34Page - STMicroelectronics STA400A Datasheet HTML 35Page - STMicroelectronics STA400A Datasheet HTML 36Page - STMicroelectronics STA400A Datasheet HTML 37Page - STMicroelectronics STA400A Datasheet HTML 38Page - STMicroelectronics STA400A Datasheet HTML 39Page - STMicroelectronics STA400A Datasheet HTML 40Page - STMicroelectronics STA400A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 117 page
background image
37/117
STA400A
Table 7. FEC
Base Address: 03 - Address Range: 00 - 51
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
00
Control_F
6
wr
3F
control vector for FEC and FEC Preprocessing
01
Status_F
4
r
--
status flags of FEC Processing blocks (FEC Preproc,
VD, FEC Mgmt, RS input control)
02
ErrorCtrl_F
6
wr
01
FEC error reporting
07
InitState_F
6
wr
2E
initial state of convolutional decoder after training
sequence
08
InitLfsr1_F
8
wr
CC
initial state of flush LFSR
09
InitLfsr2_F
4
wr
0C
0A
InitTerm1_F
8
wr
00
termination sequence after flush operation
0B
InitTerm2_F
8
wr
80
0C
InitTerm3_F
4
wr
0B
10
VitBerCtrl_F
4
wr
0F
Viterbi BER Measurement control flags
20
TerrBer1_F
8
r
--
Terrestrial channel error rate
21
TerrBer2_F
4
r
--
24
Sat1Ber1_F
8
r
--
Sat1 channel error rate
25
Sat1Ber2_F
4
r
--
28
Sat2Ber1_F
8
r
--
Sat2 channel error rate
29
Sat2Ber1_F
4
r
--
30
ForceCorr_F
8
wr
1D
forced correction value for PRC preamble (1D hex)
31
RS_Ctrl_F
4
wr
03
RS/RS Input Control configuration bits
32
RS_Cnt_F
1
wrt
01
RS Decoder Error Counter Control
35
RS_ByeCnt1_F
8
r
--
RS byte error counter
36
RS_ByeCnt2_F
6
r
--
37
RS_FrameCnt1_F
8
r
--
RS frame error counter
38
RS_FrameCnt2_F
2
r
--
40
InitSeq_F
8
wr
1D
initialization sequence for VD (PRC preamble 1D
hex)
42
RS1_TerrByteErr_F
5
r
--
terr. Reed-Solomon block 1 error reporting
43
RS2_TerrByteErr_F
5
r
--
terr. Reed-Solomon block 2 error reporting
44
RS1_SatByteErr_F
5
r
--
sat. Reed-Solomon block 1 error reporting
45
RS2_SatByteErr_F
5
r
--
sat. Reed-Solomon block 2 error reporting
46
RS_Block_decis_F
2
r
--
status of last Reed-Solomon diversity decision
50
IrqMask_F
5
int
00
FEC interrupt mask
51
IrqStatus_F
5
int
00
FEC interrupt status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com