Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 24Page - STMicroelectronics STA400A Datasheet HTML 25Page - STMicroelectronics STA400A Datasheet HTML 26Page - STMicroelectronics STA400A Datasheet HTML 27Page - STMicroelectronics STA400A Datasheet HTML 28Page - STMicroelectronics STA400A Datasheet HTML 29Page - STMicroelectronics STA400A Datasheet HTML 30Page - STMicroelectronics STA400A Datasheet HTML 31Page - STMicroelectronics STA400A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
STA400A
28/117
2.1 REGISTER MAP OVERVIEW
Table 3. QPSK Demodulator #1 (S1-Early)
Base Address: 00 - Address Range: 59 - 77
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
59
QPSK_DEMOD_EN
1
wr
01
QPSK Dem Enable Register
5A
QPSK_CTRL
8
wr
47
QPSK Dem Control Register
5B
PFDTHR
6
wr
14
Phase/Freq. Detector Threshold
5C
SYMFREQ0
8
wr
8B
Symbol Frequency (LSB)
5D
SYMFREQ1
8
wr
1A
5E
SYMFREQ2
8
wr
23
5F
SYMFREQ3
1
wr
00
Symbol Frequency (MSB)
60
IFFREQ0
8
wr
EC
Intermediate Frequency (LSB)
61
IFFREQ1
8
wr
C4
62
IFFREQ2
8
wr
4E
63
IFFREQ3
4
wr
FB
Intermediate Frequency (MSB)
64
ALFACAR
8
wr
17
Carrier Loop Filter Alpha Param.
65
BETACAR
8
wr
15
Carrier Loop Filter Beta Param.
66
ALFATIM
8
wr
07
Timing Loop Filter Alpha Param.
67
BETATIM
8
wr
0E
Timing Loop Filter Beta Param.
68
RAMPCTRL
7
wr
20
Ramp Control Register
69
AGC2BETA
3
wr
03
AGC2 Gain
6A
AGC2REF
8
wr
5A
AGC2 Reference
6B
AGC2INTG
8
wr
00
8MSB of AGC2 Loop Integrator
6C
TIMINTG
8
wr
00
8MSB of Timing Loop Integrator
6D
CARINTG
8
wr
00
8MSB of Carrier Loop Integrator
6E
CARFREQ0
8
r
--
Locked Carrier Frequency (LSB)
6F
CARFREQ1
8
r
--
70
CARFREQ2
8
r
--
71
CARFREQ3
4
r
--
Locked Carrier Frequency (MSB)
72
CN
8
r
--
C/N Esteem
73
FLAG
4
r
--
Demodulator Status
74
NULOFS_WIN
4
wr
07
Null Carrier Offset Window
75
NULOFS_DELTAF
8
wr
2B
Null Carrier Offset Delta Frequency
76
TIMLPF_CTRL
8
wr
90
Timing Loop Low Pass Filter Control
77
LOCKTHR
2
wr
02
Lock Detector Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com