Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 21Page - STMicroelectronics STA400A Datasheet HTML 22Page - STMicroelectronics STA400A Datasheet HTML 23Page - STMicroelectronics STA400A Datasheet HTML 24Page - STMicroelectronics STA400A Datasheet HTML 25Page - STMicroelectronics STA400A Datasheet HTML 26Page - STMicroelectronics STA400A Datasheet HTML 27Page - STMicroelectronics STA400A Datasheet HTML 28Page - STMicroelectronics STA400A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 117 page
background image
25/117
STA400A
stable in the high state. A START condition must precede any command for data transfer.
Stop Condition
STOP is identified by low to high transition of the data bus SDA signal while the clock signal SCL is stable
in the high state. A STOP condition terminates communications between STA400A and the bus master.
Acknowledge Bit
An acknowledge bit is used to indicate a successful data transfer. The bus transmitter, either master or
slave, will release the SDA bus after sending 8 bits of data.
During the 9th clock pulse the receiver pulls the SDA bus low to acknowledge the receipt of 8 bits of data.
Some registers do not give acknowledge when the data is not available.
Data Input
During the data input the STA400A samples the SDA signal on the rising edge of the clock SCL. For cor-
rect device operation the SDA signal has to be stable during the rising edge of the clock and the data can
change only when the SCL line is low.
Device Addressing
To start communication between the master and the STA400A, the master must initiate with a start con-
dition. Following this, the master sends onto the SDA line 8 bits (MSB first) corresponding to the device
select address and read or write mode.
The 7 most significant bits are the device address identifier, corresponding to the I2C bus definition. For
the STA400A these are fixed as 1101010.
The 8th bit (LSB) is the read or write operation bit (RW; set to 1 in read mode and to 0 in write mode).
After a START condition the STA400A identifies on the bus the device address and, if matched, it will
acknowledges the identification on SDA bus during the 9th bit time.
The following 2 bytes after the device identification byte are the internal space address.
Write Operation (see fig. 15)
Following a START condition the master sends a device select code with the RW bit set to 0.
The STA400A gives the acknowledge and waits for the 2 bytes of internal address. The least significant
15 bits of the 2 bytes address provides access to any of the internal registers. The most significant bit
means incremental mode (1 = auto incremental enabled, 0 = auto incremental disabled).
The STA400A has an internal byte address counter. Each time a byte is written or read, this counter, ac-
cording to the autoincremental bit setting, is incremented or not.
After the reception of each of the internal bytes address the STA400A again responds with an acknowl-
edge.
Byte Write
In the byte write mode the master sends one data byte and this is acknowledged by STA400A. The mas-
ter then terminates the transfer by generating a STOP condition. The Multibyte Write needs the auto in-
cremental mode bit set to '1'.
Multibyte Write
The multibyte write mode can start from any internal address. The master sends the data and each one
is acknowledged by the STA400A. The transfer is terminated by the master generating a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com