Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 41Page - STMicroelectronics STA400A Datasheet HTML 42Page - STMicroelectronics STA400A Datasheet HTML 43Page - STMicroelectronics STA400A Datasheet HTML 44Page - STMicroelectronics STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics STA400A Datasheet HTML 47Page - STMicroelectronics STA400A Datasheet HTML 48Page - STMicroelectronics STA400A Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 117 page
background image
45/117
STA400A
RAMPCTRL
- Frequency Sweep Control Register
This register controls the operation of the frequency sweep block.
b7:RFU
b6:
SLOPE
0=Positive; 1=Negative
b5:
SWON
0=Sweep Disabled; 1=Sweep Enabled
b4:
SWSTEP
0=Multiply by 1; 1=Multiply by 2
b3-b0:
STEPPER
0000=Divide by 1
0001=Divide by 2
.
1111=Divide by 16
AGC2BETA
- AGC2 Loop Gain
This register sets the AGC2 Loop Gain according to the following formula:
βAGC2 = 2AGC2BETA
b7-b3:Not Used
b2-b0:
AGC2BETA
000 -> Gain=1
011 -> Gain=8
110 -> Gain=64
001 -> Gain=2
100 -> Gain=16 111 -> Gain=0
010 -> Gain=4
101 -> Gain=32
AGC2REF
- AGC2 Reference
This registers sets the reference level or the AGC2 loop. The format is positive integer from 0 to 255 decimal.
b7-b0:
AGC2REF
Positive integer, range 0 to 255 decimal
AGC2INTG
- 8 MSBs of AGC2 Loop Integrator
This register contains the 8 MSBs of the AGC2 loop integrator. The format is two’s complement.
Type:
SingleByte - R/W
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
RAMPCTRL
S1/S2
0068/008E
6-0
20
Type:
SingleByte - R/W
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
AGC2BETA
S1/S2
0069/008F
2-0
03
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
AGC2REF
S1/S2
006A/0090
7-0
5A
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
AGC2INTG
S1/S2
006B/0091
7-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com