Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 20Page - STMicroelectronics STA400A Datasheet HTML 21Page - STMicroelectronics STA400A Datasheet HTML 22Page - STMicroelectronics STA400A Datasheet HTML 23Page - STMicroelectronics STA400A Datasheet HTML 24Page - STMicroelectronics STA400A Datasheet HTML 25Page - STMicroelectronics STA400A Datasheet HTML 26Page - STMicroelectronics STA400A Datasheet HTML 27Page - STMicroelectronics STA400A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
STA400A
24/117
s
PCTS_EF, Payload Channel TSCC Sync / Reed-Solomon Error Flag
The PCDC frequency can be set from 11.96 MHz to 373.75 kHz via the 5 MSBs of the PCDC_CONF register
(PCDC_CONF[6:2]); the clock polarity and the clock configuration (always running or fixed to '1' when the inter-
face is not transmitting data) can be configured via the PCDC_CONF[1] and the PCDC_CONF[0] bits respec-
tively.
The PCSD data format can be set via the PCSD_CONF register; PCSD_CONF[0] and PCSD_CONF[1] define
if data are transmitted MSB or LSB first and if a parity bit is appended or not to each data byte respectively
The calculated parity can be even or odd depending on the content of PCSD_CONF[2] bit.
PCFS is the PRC packet synchronization; the default setting is one pulse at the beginning of each burst of 448
bytes. PCBS is a byte synchronization signal with one pulse at the beginning of each decoded data byte (de-
fault configuration).
PCTS_EF can be configured as the TSCC synchronization signal (default configuration) or as the Reed-So-
lomon error flag signal. The TSCC synchronization is a pulsed signal having period T=432ms (one pulse every
TDM frame).
The width of the synchronization pulses is equal to 1 PCDC cycle. The parameters of these last three signals
can be configured via the PCSYNC_CONF register.
1.7 MICROPOCESSOR INTERFACE
Data communication between the microcontroller and the device takes place through the 2 wires (SDA and
SCL) IIC-bus interface. The STA400A is always a slave device.
The STA400A Register Map is organized in 8 main pages with a base address given in Table 2.2. After the de-
vice address, to read or write a register, the microcontroller must send first the base-address to select one of
the 8 pages and a relative-address to select the register inside the page. The STA400A has byte or multibytes
registers access with different classes (see table 2.1); the complete list of the registers is given in the Register
Map section.
Interrupt Line
The interrupt line of the STA400A (pin 53 - INTR) OR-Wires 8 different interrupt requests from the CDEC that
can be individually masked by the registers IRQ1_MASK (address 0x0417).
The interrupt vector is represented by the IRQ1_STATUS register (address 0x0419) described in section 2.6.
After an interrupt request, the INTR pin remains at high level, except for the MFP_CLK interrupt bit5, that is an
impulse periodic signal. The IRQ1_STATUS interrupt vector may be automatically reset after the read operation
or may be reset by the microcontroller (writing 0x00) depending on the bit0 of the CONTROL register (see sec-
tion 2.6)
IIC-BUS Specification
The I2C-bus protocol defines any device that sends data on to the bus as a transmitter and any device that reads
the data as a receiver. The device that controls the data transfer is known as the master and the others as the
slave. The master will always initiate the transfer and will provide the serial clock for synchronisation.
Data Transition or Change
Data changes on the SDA line must only occur when the SCL clock is low. SDA transitions while the clock
is high are used to identify START or STOP condition.
Start Condition
START is identified by a high to low transition of the data bus SDA signal while the clock signal SCL is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com