Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 94 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 90Page - STMicroelectronics STA400A Datasheet HTML 91Page - STMicroelectronics STA400A Datasheet HTML 92Page - STMicroelectronics STA400A Datasheet HTML 93Page - STMicroelectronics STA400A Datasheet HTML 94Page - STMicroelectronics STA400A Datasheet HTML 95Page - STMicroelectronics STA400A Datasheet HTML 96Page - STMicroelectronics STA400A Datasheet HTML 97Page - STMicroelectronics STA400A Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 117 page
background image
STA400A
94/117
bols before starting the BER computation.
b2:
IQ SWAP
Swap between I and Q components of the received symbols
b1-b0:
PHCHG
Phase ambiguity correction
00 =
0 degrees
01 = 90 degrees
10 = 180 degrees
11 = 270 degrees
CONTROL
- General Purpose Control Register
This register controls the master clock outputs, the bidirectional buses mode to access the external memory and
the BIST access mode (reserved for structural test).
b7:
MCLKO_OFF
MCLKO output buffer disable.
0 = Buffer active;
1 = Buffer disabled (output fixed to ground).
b6:
MCLKON_OFF MCLKON output buffer disable.
0 = Buffer active;
1 = Buffer disabled (output fixed to ground).
b5:
MDQM_CTRL
External memory input/output mask polarity.
0 = High level active;
1 = Low level active.
b4-b1:
Reserved
b0:
IRQ_RST_CTRLReset after read on the interrupt register (IRQ1_STATUS)
0 = Disabled;
1 = Enabled.
IRQ1_MASK - Interrupt Mask Register
Enable/Disable interrupts on INTR pin.
Type:
SingleByte - R/W
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
QPSK_BER_CTRL
040D
2-0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CONTROL
0410
7-0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IRQ1_MASK
0417
7-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com