Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 83 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 79Page - STMicroelectronics STA400A Datasheet HTML 80Page - STMicroelectronics STA400A Datasheet HTML 81Page - STMicroelectronics STA400A Datasheet HTML 82Page - STMicroelectronics STA400A Datasheet HTML 83Page - STMicroelectronics STA400A Datasheet HTML 84Page - STMicroelectronics STA400A Datasheet HTML 85Page - STMicroelectronics STA400A Datasheet HTML 86Page - STMicroelectronics STA400A Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 117 page
background image
83/117
STA400A
FspShDropOutLen_S1 - Sat1 TDM Decoding FSP Short DropOut Length
Number of subsequent undetected FSPs determining the upper limit of a short range dropout condition.
FspSecuAlignThr_S1 - Sat1 TDM Decoding FSP Secure Alignment Threshold
Number of subsequent detected FSPs with nominal FSP period length determining secure alignment to the
TDM soft-symbol stream within a medium range dropout condition.
FspStartWinLen_S2 - Sat2 TDM Decoding FSP Detection Start Window Length
Entering a short range dropout condition, the FSP is searched within a symetrical (start) window around the
nominal FSP position.
FspHuntWinInc_S2 - Sat2 TDM Decoding FSP Detection Hunt Window Increment
Entering a medium range dropout condition, the FSP is searched within a symetrical window around the nominal
FSP position. This window is increased on FSP period bases with an increment of inc/8 symbols begining with
the start window length.
FspShDropOutLen_S2 - Sat2 TDM Decoding FSP Short DropOut Length
Number of subsequent undetected FSPs determining the upper limit of a short range dropout condition.
FspSecuAlignThr_S2 - Sat2 TDM Decoding FSP Secure Alignment Threshold
Number of subsequent detected FSPs with nominal FSP period length determining secure alignment to the
Type:
SingleByte - R/W
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspShDropOutLen_S1
02C2
4-0
0F
Type:
SingleByte - R/W
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspSecuAlignThr_S1
02C3
2-0
03
Type:
SingleByte - R/W
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspStartWinLen_S2
02C8
2-0
02
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspHuntWinInc_S2
02C9
3-0
03
Type:
SingleByte - R/W
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FspShDropOutLen_S2
02CA
4-0
0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com