Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 23Page - STMicroelectronics STA400A Datasheet HTML 24Page - STMicroelectronics STA400A Datasheet HTML 25Page - STMicroelectronics STA400A Datasheet HTML 26Page - STMicroelectronics STA400A Datasheet HTML 27Page - STMicroelectronics STA400A Datasheet HTML 28Page - STMicroelectronics STA400A Datasheet HTML 29Page - STMicroelectronics STA400A Datasheet HTML 30Page - STMicroelectronics STA400A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 117 page
background image
27/117
STA400A
2REGISTER MAP
Table 1. Register Classes
pr:
Event counter. (increments if input =1 and will be reset after read access to preset value)
pri:
Event counter like pr-register, plus trigger output signal if maximum is arrived.
wrt: Write and read register plus trigger output signal when write access.
rt:
Read only register plus trigger output signal when read access.
int:
This register class always consists out of a status and mask register. The status register stores interrupt
signals from CDEC. The mask registers determines if an interrupt signal should generate an irq_out signal
or not.
trt:
A transparent register does not exists physically in the register map. The register map pipelines the
information to the CDEC register. The register operates as a normal write/read register in the register
map.
Note:The pr and rt register classes must be read with the random address read mode only. Sequential read
mode is not allowed.
Table 2. Base Address List
Abbreviations
Name of Register Class
wr
write and read
r
read
rt
read plus en-trigger
pr
preset when read
pri
preset when read plus trigger signal
wrt
write and read plus trigger signal
int
interrupt register pair
trt
transparent
Base Address (hex)
Block
00
Satellite Demodulators (SatDem1 + SatDem2)
01
Terrestrial Demodulator (Section 1)
02
TDM (Section 1)
03
FEC
04
IF Sampling and Control Interface
05
PC Bitstream Interface
06
TDM (Section 2)
07
Terrestrial Demodulator (Section 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com