Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 49Page - STMicroelectronics STA400A Datasheet HTML 50Page - STMicroelectronics STA400A Datasheet HTML 51Page - STMicroelectronics STA400A Datasheet HTML 52Page - STMicroelectronics STA400A Datasheet HTML 53Page - STMicroelectronics STA400A Datasheet HTML 54Page - STMicroelectronics STA400A Datasheet HTML 55Page - STMicroelectronics STA400A Datasheet HTML 56Page - STMicroelectronics STA400A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
53/117
STA400A
FfCtrl_M
- Fine Frequency Control Register
If mrm_ff_fed_mean_en is set to ‘1’ the ouput of the FED is averaged over two adjacent mcm symbols. If
mrm_ff_lpf_sel is set to ‘1’ an IT1 controller is implemented, otherwise a pure I controller. The mrm_ff_alpha
value determines the integral part for both IT1 and I controller.
b5-b2:
mrm_ff_alpha
b1:
mrm_ff_lpf_set
b0:
mrm_ff_fed_mean_en
FfBeta_M
- Fine Frequency Loop Filter Beta Constant
If mrm_ff_lpf_sel is set to ‘1’ the mrm_ff_beta value sets the proportional part for the IT1 controller. For a pure
I controller mrm_ff_beta is not used.
BlkDetect_M
- Frequency Control Blockage Condition
During blockage (mrm_blockage_detect = ‘1’) the Frequency Control state is set to FREEZE. In that state the
frequency offset is held and no further actions are untertaken.
b0:
mrm_blockage_detect
InitDelay_M
- Fine Frequency Statup Delay
This register sets the number for which the Frequency Control remains within the INIT state before entering the
TRACKING state, i.e. the corresponding number of Fine Frequency estimates are discarded after external reset
or internal clear.
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FfCtrl_M
011C
5-0
1E
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
FfBeta_M
011D
7-0
04
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
BlkDetect_M
011F
0
00
Type:
SingleByte - R/W
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
InitDelay_M
0120
1-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com