Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA400A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 1 Page - STMicroelectronics

  STA400A Datasheet HTML 1Page - STMicroelectronics STA400A Datasheet HTML 2Page - STMicroelectronics STA400A Datasheet HTML 3Page - STMicroelectronics STA400A Datasheet HTML 4Page - STMicroelectronics STA400A Datasheet HTML 5Page - STMicroelectronics STA400A Datasheet HTML 6Page - STMicroelectronics STA400A Datasheet HTML 7Page - STMicroelectronics STA400A Datasheet HTML 8Page - STMicroelectronics STA400A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
1/117
STA400A
September 2003
FRONT END INTERFACE
s
TWO INTERNAL 10 BIT A/D CONVERTERS
s
TWO QPSK DEMODULATORS FOR
SATELLITE BRANCH
s
ONE MULTICARRIER DEMODULATOR FOR
TERRESTRIAL BRANCH
s
SATELLITE SYMBOL FREQUENCY: 1.64
MBAUD
s
TERRESTRIAL SYMBOL FREQUENCY: 2.99
MBAUD
s
DIGITAL ROOT RAISED COSINE NYQUIST
FILTER: 15% ROLL-OFF
s
FFT LENGTH: 768 SUB-CARRIERS
s
FULL DIGITAL CARRIER AND FREQUENCY
RECOVERY AND TRACKING LOOPS
s
FREQUENCY INVERSION COMPENSATION
FOR HIGH-SIDE/LOW-SIDE MIXER
INJECTION
s
LOCK DETECTORS, C/N INDICATOR, ON
CHIP BER ESTIMATORS
s
TWO DIGITAL AGCs: INTERNAL SIGNAL
POWER ESTIMATION AND FILTERING
s
1 BIT PDM AGCs CONTROL SIGNAL
OUTPUTS
TDM DECODING AND MANAGEMENT
s
SATELLITE AND TERRESTRIAL FRAME
SYNCHRONIZATION
s
SATELLITE PHASE AMBIGUITY RESOLUTION
s
TDM DEMULTIPLEXING
s
PRIME RATE CHANNEL (PRC)
DEMULTIPLEXING
s
EXTERNAL MEMORY CONTROLLING
FORWARD ERROR CORRECTION
s
VITERBI DECODER: K=7, R=1/3
s
SATELLITE DEPUNCTURING: RATE 3/4
s
TERRESTRIAL DEPUNCTURING: RATE 3/5
s
CONVOLUTIONAL TIME DEINTERLEAVER
OVER 4.7 SEC
s
BLOCK DEINTERLEAVER OVER 2 RS
BLOCKS
s
REED-SOLOMON DECODER: (255,223). UP
TO 16 BYTES CORRECTION CAPABILITY.
s
ENERGY DISPERSAL DESCRAMBLER
s
SAT-SAT AND TERR-SAT DIVERSITY
COMBINING
BACK END INTERFACE
s
TWO PAYLOAD CHANNEL BITSTREAM
INTERFACES
s
PAYLOAD CHANNEL SELECTION LOGIC
s
DESIGNED TO WORK WITH THE STA450A
SERVICE AND SOURCE DECODER
LOW POWER TECHNOLOGY
s
1.8V, 0.18
µm TECHNOLOGY
s
3.3V CAPABLE I/Os
CONTROL
s
IIC-BUS SLAVE CONTROL INTERFACE
s
DEVICE ADDRESS: 1101010
DESCRIPTION
The SDARS is a satellite transmission system based
on two geostationary satellites on the East and West
coasts of the Continental United States (CONUS). In
the urban areas, where the line of sight reception of
the satellites is difficult or not possible, the service is
covered by terrestrial repeaters adopting a MultiCar-
rier Modulation scheme.
Designed for digital radio receivers compatible with
the XMRadio SDARS System, the STA400A Chan-
nel Decoder integrates all the functions to demodu-
TQFP144
ORDERING NUMBER: STA400A
T HIS D EVICE CAN BE S OLD ONLY TO
CUSTOMERS THAT HAVE SIGNED A LICENSE
AGREEMENT WITH XM SATELLITE RADIO.
XMRADIO® SDARS CHANNEL DECODER


Similar Part No. - STA400A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA400 ETC1-STA400 Datasheet
177Kb / 2P
Diode Array
logo
Sanken electric
STA400 SANKEN-STA400 Datasheet
250Kb / 3P
Silicon NPN Triple Diffused Planar Darlington
More results

Similar Description - STA400A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA450A STMICROELECTRONICS-STA450A Datasheet
439Kb / 66P
XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
Sep-2003
logo
Maxim Integrated Produc...
MAX2140 MAXIM-MAX2140_05 Datasheet
206Kb / 13P
Complete SDARS Receiver
Rev 3; 10/05
logo
STMicroelectronics
STA240 STMICROELECTRONICS-STA240 Datasheet
116Kb / 6P
Sirius SDARS channel, service & source decoder
18-Jun-2007
STA260 STMICROELECTRONICS-STA260 Datasheet
159Kb / 7P
Sirius SDARS channel, service & source decoder
18-Jun-2007
logo
TriQuint Semiconductor
TQM2M9016 TRIQUINT-TQM2M9016_15 Datasheet
862Kb / 7P
GPS/ SDARS Diplexer
logo
Broadcom Corporation.
ALM-2203 BOARDCOM-ALM-2203 Datasheet
97Kb / 2P
SDARS LNA Module
logo
TriQuint Semiconductor
QPL6207 TRIQUINT-QPL6207 Datasheet
577Kb / 7P
High-Linearity SDARS LNA
QPL6216 TRIQUINT-QPL6216 Datasheet
712Kb / 8P
High-Linearity SDARS LNA
logo
Qorvo, Inc
TQM2M9016 QORVO-TQM2M9016 Datasheet
801Kb / 7P
GPS/ SDARS Diplexer
logo
Maxim Integrated Produc...
MAX2140 MAXIM-MAX2140_V01 Datasheet
1Mb / 15P
Complete SDARS Receiver
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com