Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 50Page - Cirrus Logic CS89712 Datasheet HTML 51Page - Cirrus Logic CS89712 Datasheet HTML 52Page - Cirrus Logic CS89712 Datasheet HTML 53Page - Cirrus Logic CS89712 Datasheet HTML 54Page - Cirrus Logic CS89712 Datasheet HTML 55Page - Cirrus Logic CS89712 Datasheet HTML 56Page - Cirrus Logic CS89712 Datasheet HTML 57Page - Cirrus Logic CS89712 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 170 page
background image
CS89712
54
DS502PP2
If no link pulses are being received on the receiver,
the 10BASE-T transmitter is internally forced to an
inactive state unless bit DisableLT in the Test Con-
trol register is set to one.
2.28.3
Receiver
The 10BASE-T receive section consists of the re-
ceive filter, squelch circuit, polarity detection and
correction circuit, and link pulse detector.
2.28.3.1
10BASE-T
Squelch Circuit
This circuit determines when valid data is present
on the RXD+/RXD- pair. Incoming signals passing
through the receive filter are tested by the squelch
circuit. Any signal with amplitude less than the
squelch threshold (either positive or negative, de-
pending on polarity) is rejected.
2.28.3.2
Extended Range
The CS89712 supports an Extended Range feature
that reduces the 10BASE-T receive squelch thresh-
old by approximately 6 dB. This allows the
CS89712 to operate with 10BASE-T cables that are
longer than 100 meters (100 meters is the maxi-
mum length specified by the Ethernet standard).
The exact additional distance depends on the qual-
ity of the cable and the amount of electromagnetic
noise in the surrounding environment. To activate
this feature, the software must set the LoRxSquelch
bit (LineCTL register bit E).
2.28.4
Link Pulse Detection
To prevent disruption of network operation due to
a faulty link segment, the Ethernet port continually
monitors the 10BASE-T receive pair (RXD+/
RXD-) for packets and link pulses. After each
packet or link pulse is received, an internal Link-
Loss timer is started. As long as a packet or link
pulse is received before the Link-Loss timer finish-
es (between 25 and 150 ms), the Ethernet port
maintains normal operation. If no receive activity is
detected, the Ethernet port disables packet trans-
mission to prevent "blind" transmissions onto the
network (link pulses are still sent while packet
transmission is disabled). To reactivate transmis-
sion, the receiver must detect a single packet (the
packet itself is ignored), or two link pulses separat-
ed by more than 2 to 7 ms and no more than 25 to
150 ms (see the Characteristics / Specifications
section for 10BASE-T timing).
The state of the link segment is reported in the
LinkOK bit (LineST register bit 7). If the HC0E bit
(SelfCTL register bit D) is clear, it is also indicated
by the LINKLED output pin. If the link is "good",
the LinkOK bit is set and the LINKLED pin is driv-
en low. If the link is "bad" the LinkOK bit is clear
and the LINKLED pin is high. To disable this fea-
ture, the DisableLT bit (TestCTL register bit 7)
must be set. If DisableLT is set, the Ethernet port
will transmit and receive packets independent of
the link segment.
2.28.5
Receive Polarity Detection/Correction
The Ethernet port checks the polarity of the receive
half of the twisted pair cable. If the polarity is cor-
rect, the PolarityOK bit (LineST register bit C) is
set. If the polarity is reversed, the PolarityOK bit is
clear. If the PolarityDis bit (LineCTL register bit
C) is clear, the Ethernet port automatically corrects
a reversal. If the PolarityDis bit is set, the port does
not correct a reversal. The PolarityOK bit and the
PolarityDis bit are independent.
To detect a reversed pair, the receiver examines re-
ceived link pulses and the End-of-Frame (EOF) se-
quence of incoming packets. If it detects at least
one reversed link pulse and at least four frames in a
row with negative polarity after the EOF, the re-
ceive pair is considered reversed. Data received be-
fore the correction of the reversal is ignored.
2.28.6
Collision Detection
If half-duplex operation is selected (FDX bit E is
clear), the Ethernet port detects a 10BASE-T colli-
sion whenever the receiver and transmitter are ac-
tive simultaneously. When a collision is present,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com