Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 99 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 99 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 95Page - Cirrus Logic CS89712 Datasheet HTML 96Page - Cirrus Logic CS89712 Datasheet HTML 97Page - Cirrus Logic CS89712 Datasheet HTML 98Page - Cirrus Logic CS89712 Datasheet HTML 99Page - Cirrus Logic CS89712 Datasheet HTML 100Page - Cirrus Logic CS89712 Datasheet HTML 101Page - Cirrus Logic CS89712 Datasheet HTML 102Page - Cirrus Logic CS89712 Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 170 page
background image
CS89712
DS502PP2
99
3.10.2 UBRLCR1–2 UART1–2 Bit Rate and Line Control Registers
(address 0x8000.04C0 and 0x8000.14C0)
The bit rate divisor and line control register is a 19-bit read / write register. Writing to these registers sets the bit rate
and mode of operation for the internal UARTs.
31:19
18:17
16
15
14
13
12
11:0
WRDLEN
FIFOEN
XSTOP
EVENPRT
PRTEN
BREAK
Bit rate divisor
Bit
Description
0:11
Bit rate divisor: This 12-bit field sets the bit rate. If the system is operating from the PLL clock,
then the bit rate divider is fed by a clock frequency of 3.6864 MHz, which is then further divided
internally by 16 to give the bit rate. The formula to give the divisor value for any bit rate when
operating from the PLL clock is: Divisor = 230400 / (bit rate divisor + 1). A value of zero in this
field is illegal when running from the PLL clock. The tables below show some example bit rates
with the corresponding divisor value.The table below shows the bit rates available for 18.432 MHz
operation.
12
BREAK: Setting this bit will drive the TX output active (high) to generate a break.
13
PRTEN: Parity enable bit. Setting this bit enables parity detection and generation
14
EVENPRT: Even parity bit. Setting this bit sets parity generation and checking to even parity,
clearing it sets odd parity. This bit has no effect if the PRTEN bit is clear.
15
XSTOP: Extra stop bit. Setting this bit will cause the UART to transmit two stop bits after each
data byte, while clearing it will transmit one stop bit after each data byte.
16
FIFOEN: Set to enable FIFO buffering of RX and TX data. Clear to disable the FIFO (i.e., set its
depth to one byte).
Divisor Value
Bit Rate Running
From the PLL Clock
0
—
1
115200
2
76800
3
57600
5
38400
11
19200
15
14400
23
9600
95
2400
191
1200
2094
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com